Electronic Components Datasheet Search
  English  ▼

X  

AD7304 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7304
Description  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7304 Datasheet(HTML) 4 Page - Analog Devices

  AD7304 Datasheet HTML 1Page - Analog Devices AD7304 Datasheet HTML 2Page - Analog Devices AD7304 Datasheet HTML 3Page - Analog Devices AD7304 Datasheet HTML 4Page - Analog Devices AD7304 Datasheet HTML 5Page - Analog Devices AD7304 Datasheet HTML 6Page - Analog Devices AD7304 Datasheet HTML 7Page - Analog Devices AD7304 Datasheet HTML 8Page - Analog Devices AD7304 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AD7304/AD7305
–4–
REV. A
SDI
CLK
CS
LDAC
SA
SI
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
tCSH
tLD2
tCSS
tLD1
SDI
CLK
CLR
LDAC
FS
ZS
VOUT
tDS
tDH
tCL
tCH
tLDW
tS
tCLRW
tS
1 LSB
ERROR BAND
Figure 2. AD7304 Timing Diagram
tSDR
SDI/SHDN
IDD
tSDN
Figure 3. AD7304 Timing Diagram
Table I. AD7304 Control Logic Truth Table
CS
CLK
LDAC CLR
Serial Shift Register Function
Input REG Function
DAC Register Function
H
X
H
H
No Effect
No Effect
No Effect
L
↑+
H
H
Data Advanced 1 Bit
No Effect
No Effect
↑+
L
H
H
No Effect
Updated with SR Contents
2
No Effect
H
X
L
H
No Effect
Latched with SR Contents
2
All Input Register Contents Transferred
3
HX
H
↓–
No Effect
Loaded with 00H
Loaded with 00H
HX
H
↑+
No Effect
Latched with 00H
Latched with 00H
NOTES
1
↑+ positive logic transition; ↓– negative logic transition; X Don’t Care.
2One Input Register receives the data bits D7–D0 decoded from the SR address bits (A1, A0); where REG A = (0, 0); B = (0, 1); C = (1, 0); D = (1, 1).
3
LDAC is a level-sensitive input.
Table II. AD7304 Serial Input Register Data Format, Data Is Loaded in the MSB-First Format
MSB
LSB
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
AD7304 SAC
SDC
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
If B11 (SAC), Shutdown All Channels, is set to logic LOW, all DACs are placed in a power shutdown mode, all output voltages become high resistance. If B10 (SDC),
Shutdown Decoded Channel, is set to logic LOW, only the DAC decoded by address bits A1 and A0 is placed in the shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com