Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 5 Page - Analog Devices

  AD7664 Datasheet HTML 1Page - Analog Devices AD7664 Datasheet HTML 2Page - Analog Devices AD7664 Datasheet HTML 3Page - Analog Devices AD7664 Datasheet HTML 4Page - Analog Devices AD7664 Datasheet HTML 5Page - Analog Devices AD7664 Datasheet HTML 6Page - Analog Devices AD7664 Datasheet HTML 7Page - Analog Devices AD7664 Datasheet HTML 8Page - Analog Devices AD7664 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
REV. 0
AD7664
–5–
TO OUTPUT
PIN
1.6mA
IOL
CL
60pF1
500 A
IOH
1.4V
Figure 1. Load Circuit for Digital Interface Timing,
SDOUT, SYNC, SCLK Outputs, CL = 10 pF
0.8V
2V
2V
0.8V
0.8V
2V
t
DELAY
t
DELAY
Figure 2. Voltage Reference Levels for Timing
PIN CONFIGURATION
48-Lead LQFP
(ST-48)
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
NC
DGND
OB/
2C
WARP
IMPULSE
NC = NO CONNECT
SER/
PAR
D0
D1
D2
BUSY
D15
D14
D13
AD7664
D3
D12
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Type
Description
1
AGND
P
Analog Power Ground Pin.
2
AVDD
P
Input Analog Power Pins. Nominally 5 V.
3, 40–48
NC
No Connect.
4, 30
DGND
DI
Must Be Tied to Analog Ground.
5OB/
2C
DI
Straight Binary/Binary Two’s Complement. When OB/
2C is HIGH, the digital output is
straight binary; when LOW, the MSB is inverted resulting in a two’s complement output
from its internal shift register.
6
WARP
DI
Mode Selection. When HIGH and IMPULSE LOW, this input selects the fastest mode, the
maximum throughput is achievable, and a minimum conversion rate must be applied in order
to guarantee full specified accuracy. When LOW, full accuracy is maintained independent of
the minimum conversion rate.
7
IMPULSE
DI
Mode Selection. When HIGH and WARP LOW, this input selects a reduced power mode. In
this mode, the power dissipation is approximately proportional to the sampling rate.
8
SER/
PAR
DI
Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the
serial interface mode is selected and some bits of the DATA bus are used as a serial port.
9–12
DATA[0:3]
DO
Bit 0 to Bit 3 of the Parallel Port Data Output Bus. These pins are always outputs, regardless
of the state of SER/
PAR.
13
DATA[4]
DI/O
When SER/
PAR is LOW, this output is used as Bit 4 of the Parallel Port Data Output Bus.
or EXT/
INT
When SER/
PAR is HIGH, this input, part of the serial port, is used as a digital select input
for choosing the internal or an external data clock. With EXT/
INT tied LOW, the internal
clock is selected on SCLK output. With EXT/
INT set to a logic HIGH, output data is syn-
chronized to an external clock signal connected to the SCLK input.
14
DATA[5]
DI/O
When SER/
PAR is LOW, this output is used as Bit 5 of the Parallel Port Data Output Bus.
or INVSYNC
When SER/
PAR is HIGH, this input, part of the serial port, is used to select the active state
of the SYNC signal. It is active in both master and slave mode. When LOW, SYNC is active
HIGH. When HIGH, SYNC is active LOW.
15
DATA[6]
DI/O
When SER/
PAR is LOW, this output is used as Bit 6 of the Parallel Port Data Output Bus.
or INVSCLK
When SER/
PAR is HIGH, this input, part of the serial port, is used to invert the SCLK sig-
nal. It is active in both master and slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com