Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7664 Datasheet HTML 2Page - Analog Devices AD7664 Datasheet HTML 3Page - Analog Devices AD7664 Datasheet HTML 4Page - Analog Devices AD7664 Datasheet HTML 5Page - Analog Devices AD7664 Datasheet HTML 6Page - Analog Devices AD7664 Datasheet HTML 7Page - Analog Devices AD7664 Datasheet HTML 8Page - Analog Devices AD7664 Datasheet HTML 9Page - Analog Devices AD7664 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
REV. 0
AD7664
–6–
Pin
No.
Mnemonic
Type
Description
16
DATA[7]
DI/O
When SER/PAR is LOW, this output is used as Bit 7 of the Parallel Port Data Output Bus.
or RDC/SDIN
When SER/
PAR is HIGH, this input, part of the serial port, is used as either an external data
input or a read mode selection input depending on the state of EXT/
INT.
When EXT/
INT is HIGH, RDC/SDIN could be used as a data input to daisy chain the conver-
sion results from two or more ADCs onto a single SDOUT line. The digital data level on SDIN is
output on DATA with a delay of 16 SCLK periods after the initiation of the read sequence.
When EXT/
INT is LOW, RDC/SDIN is used to select the read mode. When RDC/SDIN is
HIGH, the data is output on SDOUT during conversion. When RDC/SDIN is LOW, the
data can be output on SDOUT only when the conversion is complete.
17
OGND
P
Input/Output interface Digital Power Ground.
18
OVDD
P
Input/Output interface Digital Power. Nominally at the same supply than the supply of the
host interface (5 V or 3 V).
19
DVDD
P
Digital Power. Nominally at 5 V.
20
DGND
P
Digital Power Ground.
21
DATA[8]
DO
When SER/
PAR is LOW, this output is used as Bit 8 of the Parallel Port Data Output Bus.
or SDOUT
When SER/
PAR is HIGH, this output, part of the serial port, is used as a serial data output
synchronized to SCLK. Conversion results are stored in an on-chip register. The AD7664
provides the conversion result, MSB first, from its internal shift register. The DATA format is
determined by the logic level of OB/
2C. In serial mode, when EXT/INT is LOW, SDOUT is
valid on both edges of SCLK.
In serial mode, when EXT/
INT is HIGH:
If INVSCLK is LOW, SDOUT is updated on SCLK rising edge and valid on the next
falling edge.
If INVSCLK is HIGH, SDOUT is updated on SCLK falling edge and valid on the next rising
edge.
22
DATA[9]
DI/O
When SER/
PAR is LOW, this output is used as the Bit 9 of the Parallel Port Data
or SCLK
Output Bus.
When SER/
PAR is HIGH, this pin, part of the serial port, is used as a serial data clock input
or output, dependent upon the logic state of the EXT/
INT pin. The active edge where the
data SDOUT is updated depends upon the logic state of the INVSCLK pin.
23
DATA[10]
DO
When SER/
PAR is LOW, this output is used as the Bit 10 of the Parallel Port Data Output Bus.
or SYNC
When SER
/PAR is HIGH, this output, part of the serial port, is used as a digital output frame
synchronization for use with the internal data clock (EXT/
INT = Logic LOW). When a read
sequence is initiated and INVSYNC is LOW, SYNC is driven HIGH and remains HIGH
while SDOUT output is valid. When a read sequence is initiated and INVSYNC is High,
SYNC is driven LOW and remains LOW while SDOUT output is valid.
24
DATA[11]
DO
When SER/
PAR is LOW, this output is used as the Bit 11 of the Parallel Port Data Output Bus.
or RDERROR
When SER/
PAR is HIGH and EXT/INT is HIGH, this output, part of the serial port, is used
as a incomplete read error flag. In slave mode, when a data read is started and not complete
when the following conversion is complete, the current data is lost and RDERROR is pulsed
high.
25–28
DATA[12:15]
DO
Bit 12 to Bit 15 of the Parallel Port Data output bus. These pins are always outputs regardless
of the state of SER/
PAR.
29
BUSY
DO
Busy Output. Transitions HIGH when a conversion is started, and remains HIGH until the
conversion is complete and the data is latched into the on-chip shift register. The falling edge
of BUSY could be used as a data ready clock signal.
30
DGND
P
Must Be Tied to Digital Ground.
31
RD
DI
Read Data. When
CS and RD are both LOW, the interface parallel or serial output bus is
enabled.
RD and CS are OR’d together internally.
32
CS
DI
Chip Select. When
CS and RD are both LOW, the interface parallel or serial output bus is
enabled.
RD and CS are OR’d together internally.
33
RESET
DI
Reset Input. When set to a logic HIGH, reset the AD7664. Current conversion if any is aborted.
34
PD
DI
Power-Down Input. When set to a logic HIGH, power consumption is reduced and conver-
sions are inhibited after the current one is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com