Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7664 Datasheet HTML 6Page - Analog Devices AD7664 Datasheet HTML 7Page - Analog Devices AD7664 Datasheet HTML 8Page - Analog Devices AD7664 Datasheet HTML 9Page - Analog Devices AD7664 Datasheet HTML 10Page - Analog Devices AD7664 Datasheet HTML 11Page - Analog Devices AD7664 Datasheet HTML 12Page - Analog Devices AD7664 Datasheet HTML 13Page - Analog Devices AD7664 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
REV. 0
AD7664
–10–
CIRCUIT INFORMATION
The AD7664 is a very fast, low power, single supply, precise
16-bit analog-to-digital converter (ADC). The AD7664 fea-
tures different modes to optimize performances according to
the applications.
In warp mode, the AD7664 is capable of converting 570,000
samples per second (570 kSPS).
The AD7664 provides the user with an on-chip track/hold,
successive approximation ADC that does not exhibit any pipe-
line or latency, making it ideal for multiple multiplexed channel
applications.
The AD7664 can be operated from a single 5 V supply and
be interfaced to either 5 V or 3 V digital logic. It is housed in
a 48-lead LQFP package that saves space and allows flexible con-
figurations as either serial or parallel interface. The AD7664 is a
pin-to-pin compatible upgrade of the AD7660.
CONVERTER OPERATION
The AD7664 is a successive-approximation analog-to-digital
converter based on a charge redistribution DAC. Figure 3 shows
the simplified schematic of the ADC. The capacitive DAC consists
of an array of 16 binary weighted capacitors and an additional
“LSB” capacitor. The comparator’s negative input is connected
to a “dummy” capacitor of the same value as the capacitive
DAC array.
During the acquisition phase, the common terminal of the array
tied to the comparator's positive input is connected to AGND
via SWA. All independent switches are connected to the analog
input IN. Thus, the capacitor array is used as a sampling capaci-
tor and acquires the analog signal on IN input. Similarly, the
“dummy” capacitor acquires the analog signal on INGND input.
When the
CNVST input goes low, a conversion phase is
initiated. When the conversion phase begins, SWA and SWB
are opened first. The capacitor array and the “dummy” capaci-
tor are then disconnected from the inputs and connected to
the REFGND input. Therefore, the differential voltage between
IN and INGND captured at the end of the acquisition phase is
applied to the comparator inputs, causing the comparator to
become unbalanced. By switching each element of the capacitor
array between REFGND or REF, the comparator input varies by
binary-weighted voltage steps (VREF/2, VREF/4, .. .VREF/65536).
The control logic toggles these switches, starting with the MSB
first, to bring the comparator back into a balanced condition. After
the completion of this process, the control logic generates the
ADC output code and brings BUSY output low.
SWA
COMP
SWB
IN
REF
REFGND
LSB
MSB
32,768C
INGND
16,384C
4C
2C
C
C
65,536C
CONTROL
LOGIC
SWITCHES
CONTROL
BUSY
OUTPUT
CODE
CNVST
Figure 3. ADC Simplified Schematic
Modes of Operation
The AD7664 features three modes of operations, Warp, Normal,
and Impulse. Each of these modes is more suitable for specific
applications.
The Warp mode allows the fastest conversion rate up to 570 kSPS.
However, in this mode, and this mode only, the full specified accu-
racy is guaranteed only when the time between conversion does
not exceed 1 ms. If the time between two consecutive conversions
is longer than 1 ms, for instance, after power-up, the first conver-
sion result should be ignored. This mode makes the AD7664
ideal for applications where both high accuracy and fast sample
rate are required.
The normal mode is the fastest mode (500 kSPS ) without any
limitation about the time between conversions. This mode makes
the AD7664 ideal for asynchronous applications such as data
acquisition systems, where both high accuracy and fast sample
rate are required.
The impulse mode, the lowest power dissipation mode, allows
power saving between conversions. When operating at 100 SPS,
for example, it typically consumes only 21
µW. This feature
makes the AD7664 ideal for battery-powered applications.
Transfer Functions
Using the OB/
2C digital input, the AD7664 offers two output
codings: straight binary and two’s complement. The LSB size is
VREF/65536, which is about 38.15
µV. The ideal transfer charac-
teristic for the AD7664 is shown in Figure 4 and Table I.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
VREF –1.5 LSB
VREF –1 LSB
1 LSB
0V
0.5 LSB
1 LSB = VREF/65536
Figure 4. ADC Ideal Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com