Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7664 Datasheet HTML 11Page - Analog Devices AD7664 Datasheet HTML 12Page - Analog Devices AD7664 Datasheet HTML 13Page - Analog Devices AD7664 Datasheet HTML 14Page - Analog Devices AD7664 Datasheet HTML 15Page - Analog Devices AD7664 Datasheet HTML 16Page - Analog Devices AD7664 Datasheet HTML 17Page - Analog Devices AD7664 Datasheet HTML 18Page - Analog Devices AD7664 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
REV. 0
AD7664
–16–
While the AD7664 is performing a bit decision, it is important
that voltage transients not occur on digital input/output pins or
degradation of the conversion result could occur. This is par-
ticularly important during the second half of the conversion
phase because the AD7664 provides error correction circuitry
that can correct for an improper bit decision made during the
first half of the conversion phase. For this reason, it is recom-
mended that when an external clock is being provided, it is a
discontinuous clock that is toggling only when BUSY is low or,
more importantly, that is does not transition during the latter
half of BUSY high.
External Discontinuous Clock Data Read After Conversion
Though the maximum throughput cannot be achieved using this
mode, it is the most recommended of the serial slave modes.
Figure 18 shows the detailed timing diagrams of this method.
After a conversion is complete, indicated by BUSY returning
low, the result of this conversion can be read while both
CS and
RD are low. The data is shifted out, MSB first, with 16 clock
pulses and is valid on both rising and falling edge of the clock.
Among the advantages of this method, the conversion perfor-
mance is not degraded because there are no voltage transients
on the digital interface during the conversion process.
Another advantage is to be able to read the data at any speed up
to 40 MHz which accommodates both slow digital host interface
and the fastest serial reading.
Finally, in this mode only, the AD7664 provides a “daisy chain”
feature using the RDC/SDIN input pin for cascading multiple
converters together. This feature is useful for reducing component
count and wiring connections when desired as, for instance, in
isolated multiconverter applications.
An example of the concatenation of two devices is shown in
Figure 19. Simultaneous sampling is possible by using a com-
mon
CNVST signal. It should be noted that the RDC/SDIN
input is latched on the opposite edge of SCLK of the one used to
shift out the data on SDOUT. Hence, the MSB of the “upstream”
converter just follows the LSB of the “downstream” converter
on the next SCLK cycle.
SCLK
SDOUT
D15
D14
D1
D0
D13
X15
X14
X13
X1
X0
Y15
Y14
CS, RD
BUSY
SDIN
EXT/I
NT = 1
INVSCLK = 0
t35
t36 t37
t31
t32
t16
t33
t34
X15
X14
X
1
2
3
14
151617
18
Figure 18. Slave Serial Data Timing for Reading (Read After Convert)
CNVST
CS
SCLK
SDOUT
RDC/SDIN
BUSY
BUSY
DATA
OUT
AD7664
#1
(DOWNSTREAM)
BUSY
OUT
CNVST
CS
SCLK
AD7664
#2
(UPSTREAM)
RDC/SDIN
SDOUT
SCLK IN
CS IN
CNVST IN
Figure 19. Two AD7664s in a “Daisy Chain” Configuration
External Clock Data Read During Conversion
Figure 20 shows the detailed timing diagrams of this method.
During a conversion, while both
CS and RD are both low, the
result of the previous conversion can be read. The data is shifted
out, MSB first, with 16 clock pulses and is valid on both rising and
falling edge of the clock. The 16 bits have to be read before the
current conversion is complete. If that is not done, RDERROR is
pulsed high and can be used to interrupt the host interface to
prevent incomplete data reading. There is no “daisy chain”
feature in this mode and RDC/SDIN input should always be
tied either high or low.
To reduce performance degradation due to digital activity, a fast
discontinuous clock of, at least 18 MHz, when impulse mode is
used, 25 MHz when normal mode is used or 40 MHz when warp
mode is used, is recommended to ensure that all the bits are read
during the first half of the conversion phase. It is also possible
to begin to read the data after conversion and continue to read
the last bits even after a new conversion has been initiated. That
allows the use of a slower clock speed like 14 MHz in impulse
mode, 18 MHz in normal mode and 25 MHz in warp mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com