Electronic Components Datasheet Search
  English  ▼

X  

AD7664 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS CMOS ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7664 Datasheet HTML 10Page - Analog Devices AD7664 Datasheet HTML 11Page - Analog Devices AD7664 Datasheet HTML 12Page - Analog Devices AD7664 Datasheet HTML 13Page - Analog Devices AD7664 Datasheet HTML 14Page - Analog Devices AD7664 Datasheet HTML 15Page - Analog Devices AD7664 Datasheet HTML 16Page - Analog Devices AD7664 Datasheet HTML 17Page - Analog Devices AD7664 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
REV. 0
AD7664
–14–
DIGITAL INTERFACE
The AD7664 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or parallel interface.
The serial interface is multiplexed on the parallel data bus. The
AD7664 digital interface also accommodates both 3 V or 5 V logic
by simply connecting the OVDD supply pin of the AD7664 to
the host system interface digital supply. Finally, by using the
OB/
2C input pin, both two’s complement or straight binary
coding can be used.
The two signals
CS and RD control the interface. CS and RD
have a similar effect because they are OR’d together internally.
When at least one of these signals is high, the interface outputs
are in high impedance. Usually,
CS allows the selection of each
AD7664 in multicircuits applications and is held low in a single
AD7664 design.
RD is generally used to enable the conversion
result on the data bus.
t1
t3
t4
t11
CNVST
BUSY
DATA
BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
Figure 13. Master Parallel Data Timing for Reading
(Continuous Read)
PARALLEL INTERFACE
The AD7664 is configured to use the parallel interface when the
SER/
PAR is held low. The data can be read either after each
conversion, which is during the next acquisition phase, or dur-
ing the following conversion as shown, respectively, in Figure 14
and Figure 15. When the data is read during the conversion,
however, it is recommended that it is read only during the first
half of the conversion phase. That avoids any potential feed-
through between voltage transients on the digital interface and
the most critical analog conversion circuitry.
CURRENT
CONVERSION
BUSY
DATA
BUS
CS
RD
t12
t13
Figure 14. Slave Parallel Data Timing for Reading
(Read After Convert)
PREVIOUS
CONVERSION
t1
t3
t12
t13
t4
CS = 0
CNVST,
RD
BUSY
DATA
BUS
Figure 15. Slave Parallel Data Timing for Reading
(Read During Convert)
SERIAL INTERFACE
The AD7664 is configured to use the serial interface when the
SER/
PAR is held high. The AD7664 outputs 16 bits of data,
MSB first, on the SDOUT pin. This data is synchronized with
the 16 clock pulses provided on SCLK pin. The output data is
valid on both the rising and falling edge of the data clock.
MASTER SERIAL INTERFACE
Internal Clock
The AD7664 is configured to generate and provide the serial data
clock SCLK when the EXT/
INT pin is held low. The AD7664
also generates a SYNC signal to indicate to the host when the
serial data is valid. The serial clock SCLK and the SYNC signal
can be inverted if desired. Depending on RDC/SDIN input, the
data can be read after each conversion or during the following
conversion. Figure 16 and Figure 17 show the detailed timing
diagrams of these two modes.
Usually, because the AD7664 is used with a fast throughput, the
mode master, read during conversion is the most recommended
serial mode when it can be used.
In read-during-conversion mode, the serial clock and data toggle
at appropriate instants which minimize potential feedthrough
between digital activity and the critical conversion decisions.
In read-after-conversion mode, it should be noted that, unlike in
other modes, the signal BUSY returns low after the 16 data bits
are pulsed out and not at the end of the conversion phase which
results in a longer BUSY width.
SLAVE SERIAL INTERFACE
External Clock
The AD7664 is configured to accept an externally supplied
serial data clock on the SCLK pin when the EXT/
INT pin is
held high. In this mode, several methods can be used to read the
data. When
CS and RD are both low, the data can be read after
each conversion or during the following conversion. The exter-
nal clock can be either a continuous or discontinuous clock. A
discontinuous clock can be either normally high or normally low
when inactive. Figure 18 and Figure 20 show the detailed tim-
ing diagrams of these methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com