Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7705 Datasheet HTML 10Page - Analog Devices AD7705 Datasheet HTML 11Page - Analog Devices AD7705 Datasheet HTML 12Page - Analog Devices AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices AD7705 Datasheet HTML 16Page - Analog Devices AD7705 Datasheet HTML 17Page - Analog Devices AD7705 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7705/AD7706
–14–
REV. A
Data Register (RS2, RS1, RS0 = 0, 1, 1)
The Data Register on the part is a 16-bit read-only register that contains the most up-to-date conversion result from the AD7705/
AD7706. If the Communications Register sets up the part for a write operation to this register, a write operation must actually take
place to return the part to where it is expecting a write operation to the Communications Register. However, the 16 bits of data
written to the part will be ignored by the AD7705/AD7706.
Test Register (RS2, RS1, RS0 = 1, 0, 0); Power-On/Reset Status: 00 Hex
The part contains a Test Register that is used when testing the device. The user is advised not to change the status of any of the bits
in this register from the default (Power-on or RESET) status of all 0s as the part will be placed in one of its test modes and will not
operate correctly.
Zero-Scale Calibration Register (RS2, RS1, RS0 = 1, 1, 0); Power-On/Reset Status: 1F4000 Hex
The AD7705/AD7706 contains independent sets of zero-scale registers, one for each of the input channels. Each of these registers is
a 24-bit read/write register; 24 bits of data must be written otherwise no data will be transferred to the register. This register is used
in conjunction with its associated full-scale register to form a register pair. These register pairs are associated with input channel
pairs as outlined in Table VII. While the part is set up to allow access to these registers over the digital interface, the part itself no
longer has access to the register coefficients to correctly scale the output data. As a result, there is a possibility that after accessing the
calibration registers (either read or write operation) the first output data read from the part may contain incorrect data. In addition, a
write to the calibration register should not be attempted while a calibration is in progress. These eventualities can be avoided by
taking the FSYNC bit in the mode register high before the calibration register operation and taking it low after the operation is
complete.
Full-Scale Calibration Register (RS2, RS1, RS0 = 1, 1, 1); Power-On/Reset Status: 5761AB Hex
The AD7705/AD7706 contains independent sets of full-scale registers, one for each of the input channels. Each of these registers is a
24-bit read/write register; 24 bits of data must be written otherwise no data will be transferred to the register. This register is used in
conjunction with its associated zero-scale register to form a register pair. These register pairs are associated with input channel pairs
as outlined in Table VII. While the part is set up to allow access to these registers over the digital interface, the part itself no longer
has access to the register coefficients to correctly scale the output data. As a result, there is a possibility that after accessing the cali-
bration registers (either read or write operation) the first output data read from the part may contain incorrect data. In addition, a
write to the calibration register should not be attempted while a calibration is in progress. These eventualities can be avoided by
taking FSYNC bit in the mode register high before the calibration register operation and taking it low after the operation is complete.
CALIBRATION SEQUENCES
The AD7705/AD7706 contains a number of calibration options as previously outlined. Table XIII summarizes the calibration types,
the operations involved and the duration of the operations. There are two methods of determining the end of calibration. The first is
to monitor when
DRDY returns low at the end of the sequence. DRDY not only indicates when the sequence is complete, but also
that the part has a valid new sample in its data register. This valid new sample is the result of a normal conversion which follows the
calibration sequence. The second method of determining when calibration is complete is to monitor the MD1 and MD0 bits of the
Setup Register. When these bits return to 0 (0 following a calibration command), it indicates that the calibration sequence is com-
plete. This method does not give any indication of there being a valid new result in the data register. However, it gives an earlier
indication than
DRDY that calibration is complete. The duration to when the Mode Bits (MD1 and MD0) return to 0 (0 represents
the duration of the calibration carried out). The sequence to when
DRDY goes low also includes a normal conversion and a pipeline
delay, tP, to correctly scale the results of this first conversion. tP will never exceed 2000
× t
CLKIN. The time for both methods is given
in the table.
Table XIII. Calibration Sequences
Calibration Type
MD1, MD0
Calibration Sequence
Duration to Mode Bits
Duration to DRDY
Self-Calibration
0, 1
Internal ZS Cal @ Selected Gain +
6
× 1/Output Rate
9
× 1/Output Rate + t
P
Internal FS Cal @ Selected Gain
ZS System Calibration
1, 0
ZS Cal on AIN @ Selected Gain
3
× 1/Output Rate
4
× 1/Output Rate + t
P
FS System Calibration
1, 1
FS Cal on AIN @ Selected Gain
3
× 1/Output Rate
4
× 1/Output Rate + t
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com