Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices AD7705 Datasheet HTML 16Page - Analog Devices AD7705 Datasheet HTML 17Page - Analog Devices AD7705 Datasheet HTML 18Page - Analog Devices AD7705 Datasheet HTML 19Page - Analog Devices AD7705 Datasheet HTML 20Page - Analog Devices AD7705 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD7705/AD7706
–17–
REV. A
Bipolar or unipolar options are chosen by programming the
B/U
bit of the Setup Register. This programs the channel for either
unipolar or bipolar operation. Programming the channel for
either unipolar or bipolar operation does not change any of the
input signal conditioning, it simply changes the data output
coding and the points on the transfer function where calibra-
tions occur.
REFERENCE INPUT
The AD7705/AD7706’s reference inputs, REF IN(+) and
REF IN(–), provide a differential reference input capability.
The common-mode range for these differential inputs is from
GND to VDD. The nominal reference voltage, VREF (REF IN(+) –
REF IN(–)), for specified operation, is +2.5 V for the AD7705/
AD7706 operated with a VDD of 5 V and +1.225 V for the
AD7705/AD7706 operated with a VDD of 3 V. The part is func-
tional with VREF voltages down to 1 V, but with degraded per-
formance as the output noise will, in terms of LSB size, be larger.
REF IN(+) must always be greater than REF IN(–) for correct
operation of the AD7705/AD7706.
Both reference inputs provide a high impedance, dynamic load
similar to the analog inputs in unbuffered mode. The maximum
dc input leakage current is
±1 nA over temperature, and source
resistance may result in gain errors on the part. In this case, the
sampling switch resistance is 5 k
Ω typ and the reference capaci-
tor (CREF) varies with gain. The sample rate on the reference
inputs is fCLKIN/64 and does not vary with gain. For gains of 1
and 2, CREF is 8 pF; for a gain of 16, it is 5.5 pF, for a gain of
32, it is 4.25 pF, for a gain of 64, it is 3.625 pF and for a gain of
128, it is 3.3125 pF.
The output noise performance outlined in Tables I through IV
is for an analog input of 0 V, which effectively removes the
effect of noise on the reference. To obtain the same noise per-
formance as shown in the noise tables over the full input range
requires a low noise reference source for the AD7705/AD7706.
If the reference noise in the bandwidth of interest is excessive, it
will degrade the performance of the AD7705/AD7706. In appli-
cations where the excitation voltage for the bridge transducer on
the analog input also derives the reference voltage for the part,
the effect of the noise in the excitation voltage will be removed
as the application is ratiometric. Recommended reference volt-
age sources for the AD7705 with a VDD of 5 V include the
AD780, REF43 and REF192, while the recommended reference
sources for the AD7705 operated with a VDD of 3 V include the
AD589 and AD1580. It is generally recommended to decouple
the output of these references in order to further reduce the
noise level.
DIGITAL FILTERING
The AD7705/AD7706 contains an on-chip low-pass digital filter
which processes the output of the part’s sigma-delta modulator.
Therefore, the part not only provides the analog-to-digital con-
version function but also provides a level of filtering. There are a
number of system differences when the filtering function is
provided in the digital domain rather than the analog domain
and the user should be aware of these.
First, since digital filtering occurs after the A-to-D conversion
process, it can remove noise injected during the conversion
process. Analog filtering cannot do this. Also, the digital filter
can be made programmable far more readily than an analog
filter. Depending on the digital filter design, this gives the user
the capability of programming cutoff frequency and output
update rate.
On the other hand, analog filtering can remove noise superim-
posed on the analog signal before it reaches the ADC. Digital
filtering cannot do this and noise peaks riding on signals near
full scale have the potential to saturate the analog modulator
and digital filter, even though the average value of the signal is
within limits. To alleviate this problem, the AD7705/AD7706
has overrange headroom built into the sigma-delta modulator
and digital filter, which allows overrange excursions of 5%
above the analog input range. If noise signals are larger than
this, consideration should be given to analog input filtering, or
to reducing the input channel voltage so that its full-scale is half
that of the analog input channel full-scale. This will provide an
overrange capability greater than 100% at the expense of reduc-
ing the dynamic range by 1 bit (50%).
In addition, the digital filter does not provide any rejection at
integer multiples of the digital filter’s sample frequency. How-
ever, the input sampling on the part provides attenuation at
multiples of the digital filter’s sampling frequency so that the
unattenuated bands actually occur around multiples of the
sampling frequency fS (as defined in Table XV). Thus the
unattenuated bands occur at n
× f
S (where n = 1, 2, 3 . . .). At
these frequencies, there are frequency bands,
±f
3 dB wide f3 dB is
the cutoff frequency of the digital filter) at either side where
noise passes unattenuated to the output.
Filter Characteristics
The AD7705/AD7706’s digital filter is a low-pass filter with a
(sinx/x)
3 response (also called sinc3). The transfer function for
this filter is described in the z-domain by:
H(z)
=
1
N
×
1
− Z –N
1
− Z –1
3
and in the frequency domain by:
H( f )
=
1
N
×
SIN(N
×π × f /f
S )
SIN(
π× f /f
S )
3
where N is the ratio of the modulator rate to the output rate.
Phase Response:
∠H = –3 π (N –2)× f /f
S Rad
Figure 4 shows the filter frequency response for a cutoff fre-
quency of 15.72 Hz, which corresponds to a first filter notch
frequency of 60 Hz. The plot is shown from dc to 390 Hz. This
response is repeated at either side of the digital filter’s sample
frequency and at either side of multiples of the filter’s sample
frequency.
The response of the filter is similar to that of an averaging filter,
but with a sharper roll-off. The output rate for the digital filter
corresponds with the positioning of the first notch of the filter’s
frequency response. Thus, for the plot of Figure 12 where the
output rate is 60 Hz, the first notch of the filter is at 60 Hz. The
notches of this (sinx/x)
3 filter are repeated at multiples of the
first notch. The filter provides attenuation of better than 100 dB
at these notches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com