Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7705 Datasheet HTML 12Page - Analog Devices AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices AD7705 Datasheet HTML 16Page - Analog Devices AD7705 Datasheet HTML 17Page - Analog Devices AD7705 Datasheet HTML 18Page - Analog Devices AD7705 Datasheet HTML 19Page - Analog Devices AD7705 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7705/AD7706
–16–
REV. A
ANALOG INPUT
Analog Input Ranges
The AD7705 contains two differential analog input pairs
AIN1(+), AIN1(–) and AIN2(+), AIN2(–). These input pairs
provide programmable-gain, differential input channels that
can handle either unipolar or bipolar input signals. It should be
noted that the bipolar input signals are referenced to the re-
spective AIN(–) input of each input pair. The AD7706 contains
three pseudo differential analog input pairs AIN1, AIN2 and
AIN3, which are referenced to the COMMON input on the part.
In unbuffered mode, the common-mode range of the input is
from GND to VDD, provided that the absolute value of the
analog input voltage lies between GND – 30 mV and VDD
+ 30 mV. This means that in unbuffered mode the part can
handle both unipolar and bipolar input ranges for all gains.
Absolute voltages of GND – 200 mV can be accommodated on
the analog inputs at 25
°C without degradation in performance,
but leakage current increases appreciably with increasing tem-
perature. In buffered mode, the analog inputs can handle
much larger source impedances, but the absolute input voltage
range is restricted to between GND + 50 mV to VDD – 1.5 V
which also places restrictions on the common-mode range. This
means that in buffered mode there are some restrictions on the
allowable gains for bipolar input ranges. Care must be taken in
setting up the common-mode voltage and input voltage range
so that the above limits are not exceeded, otherwise there will
be a degradation in linearity performance.
In unbuffered mode, the analog inputs look directly into the
7 pF input sampling capacitor, CSAMP. The dc input leakage
current in this unbuffered mode is 1 nA maximum. As a result,
the analog inputs see a dynamic load that is switched at the
input sample rate (see Figure 11). This sample rate depends on
master clock frequency and selected gain. CSAMP is charged to
AIN(+) and discharged to AIN(–) every input sample cycle.
The effective on-resistance of the switch, RSW, is typically 7 k
Ω.
CSAMP must be charged through RSW and through any external
source impedances every input sample cycle. Therefore, in
unbuffered mode, source impedances mean a longer charge time
for CSAMP and this may result in gain errors on the part. Table
XIV shows the allowable external resistance/capacitance values,
for unbuffered mode, such that no gain error to the 16-bit level
is introduced on the part. Note that these capacitances are
total capacitances on the analog input, external capacitance
plus 10 pF capacitance from the pins and lead frame of the device.
AIN(+)
AIN(–)
SWITCHING FREQUENCY DEPENDS ON
fCLKIN AND SELECTED GAIN
RSW (7k
TYP)
CSAMP
(7pF)
HIGH
IMPEDANCE
1G
VBIAS
Figure 11. Unbuffered Analog Input Structure
Table XIV. External R, C Combination for No 16-Bit Gain
Error (Unbuffered Mode Only)
External Capacitance (pF)
Gain
0
50
100
500
1000
5000
1
368 k
Ω
90.6 k
Ω 54.2 kΩ
14.6 k
Ω 8.2 kΩ 2.2 kΩ
2
177.2 k
Ω 44.2 kΩ 26.4 kΩ
7.2 k
Ω
4 k
Ω
1.12 k
Ω
4
82.8 k
Ω
21.2 k
Ω 12.6 kΩ
3.4 k
Ω 1.94 kΩ 540 Ω
8–128
35.2 k
Ω
9.6 k
Ω
5.8 k
Ω
1.58
Ω 880 Ω
240
Ω
In buffered mode, the analog inputs look into the high-impedance
inputs stage of the on-chip buffer amplifier. CSAMP is charged
via this buffer amplifier such that source impedances do not
affect the charging of CSAMP. This buffer amplifier has an offset
leakage current of 1 nA. In this buffered mode, large source
impedances result in a small dc offset voltage developed across
the source impedance, but not in a gain error.
Input Sample Rate
The modulator sample frequency for the AD7705/AD7706
remains at fCLKIN/128 (19.2 kHz @ fCLKIN = 2.4576 MHz) re-
gardless of the selected gain. However, gains greater than 1 are
achieved by a combination of multiple input samples per modu-
lator cycle and a scaling of the ratio of reference capacitor to
input capacitor. As a result of the multiple sampling, the input
sample rate of the device varies with the selected gain (see Table
XV). In buffered mode, the input is buffered before the input
sampling capacitor. In unbuffered mode, where the analog
input looks directly into the sampling capacitor, the effective
input impedance is 1/CSAMP
× f
S where CSAMP is the input sam-
pling capacitance and fS is the input sample rate.
Table XV. Input Sampling Frequency vs. Gain
Gain
Input Sampling Frequency (fS)
1fCLKIN/64 (38.4 kHz @ fCLKIN = 2.4576 MHz)
22
× f
CLKIN/64 (76.8 kHz @ fCLKIN = 2.4576 MHz)
44
× f
CLKIN/64 (76.8 kHz @ fCLKIN = 2.4576 MHz)
8–128
8
× f
CLKIN/64 (307.2 kHz @ fCLKIN = 2.4576 MHz)
Bipolar/Unipolar Inputs
The analog inputs on the AD7705/AD7706 can accept either
unipolar or bipolar input voltage ranges. Bipolar input ranges do
not imply that the part can handle negative voltages on its analog
input, since the analog input cannot go more negative than
–30 mV to ensure correct operation of these parts. The input
channels are fully differential. As a result, on the AD7705, the
voltage to which the unipolar and bipolar signals on the AIN(+)
input are referenced is the voltage on the respective AIN(–)
input. On the AD7706, the voltages applied to the analog input
channels are referenced to the COMMON input. For example, if
AIN1(–) is +2.5 V and the AD7705 is configured for unipolar
operation with a gain of 2 and a VREF of +2.5 V, the input voltage
range on the AIN1(+) input is +2.5 V to +3.75 V. If AIN1(–) is
+2.5 V and the AD7705 is configured for bipolar mode with a
gain of 2 and a VREF of +2.5 V, the analog input range on the
AIN1(+) input is +1.25 V to +3.75 V (i.e., 2.5 V
± 1.25 V). If
AIN1(–) is at GND, the part cannot be configured for bipolar
ranges in excess of
±30 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com