Electronic Components Datasheet Search
  English  ▼

X  

AD7713 Datasheet(PDF) 26 Page - Analog Devices

Part # AD7713
Description  LC2MOS Loop-Powered Signal Conditioning ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7713 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD7713 Datasheet HTML 20Page - Analog Devices AD7713 Datasheet HTML 21Page - Analog Devices AD7713 Datasheet HTML 22Page - Analog Devices AD7713 Datasheet HTML 23Page - Analog Devices AD7713 Datasheet HTML 24Page - Analog Devices AD7713 Datasheet HTML 25Page - Analog Devices AD7713 Datasheet HTML 26Page - Analog Devices AD7713 Datasheet HTML 27Page - Analog Devices AD7713 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
REV. C
–26–
AD7713
OTHER 24-BIT SIGNAL CONDITIONING ADCS AVAILABLE
FROM ANALOG DEVICES
FUNCTIONAL BLOCK DIAGRAM
CLOCK
GENERATION
SERIAL INTERFACE
CONTROL
REGISTER
OUTPUT
REGISTER
CHARGING BALANCING A/D
CONVERTER
AUTO-ZEROED
∑ − ∆
MODULATOR
DIGITAL
FILTER
AD7710
M
U
X
AGND DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
IN
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
REF
IN(–)
REF
IN(+)
AVDD DVDD
AVDD
4.5µA
A = 1 – 128
VSS
AVDD
20µA
VBIAS
REF OUT
SYNC
DRDY
TFS
RFS
RTD
CURRENT
2.5V REFERENCE
PGA
FUNCTIONAL BLOCK DIAGRAM
CLOCK
GENERATION
SERIAL INTERFACE
CONTROL
REGISTER
OUTPUT
REGISTER
CHARGING BALANCING A/D
CONVERTER
AUTO-ZEROED
∑ − ∆
MODULATOR
DIGITAL
FILTER
AD7711
M
U
X
AGND DGND
MODE SDATA SCLK
A0
MCLK
OUT
MCLK
IN
AIN1(+)
AIN1(–)
AIN2
REF
IN(–)
REF
IN(+)
AVDD DVDD
AVDD
4.5µA
A = 1 – 128
VSS
AVDD
200µA
VBIAS
REF OUT
SYNC
DRDY
TFS
RFS
RTD2
2.5V REFERENCE
PGA
200µA
RTD1
AD7710
FEATURES
Charge Balancing ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
Two-Channel Programmable Gain Front End
Gains from 1 to 128
Differential Inputs
Low-Pass Filter with Programmable Filter Cutoffs
Ability to Read/Write Calibration Coefficients
Bidirectional Microcontroller Serial Interface
Internal/External Reference Option
Single or Dual Supply Operation
Low Power (25 mW typ) with Power-Down Mode
(7 mW typ}
APPLICATIONS
Weigh Scales
Thermocouples
Process Control
Smart Transmitters
Chromatography
AD7711
FEATURES
Charge Balancing ADC
24 Bits No Missing Codes
0.0015% Nonlinearity
Two-Channel Programmable Gain Front End
Gains from 1 to 128
One Differential Input
One Single-Ended Input
Low-Pass Filter with Programmable Filter Cutoffs
Ability to Read/Write Calibration Coefficients
RTD Excitation Current Sources
Bidirectional Microcontroller Serial Interface
Internal/External Reference Option
Single or Dual Supply Operation
Low Power (25 mW typ) with Power-Down Mode
(7 mW typ)
APPLICATIONS
RTD Transducers
Process Control
Smart Transmitters
Portable Industrial Instruments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com