Electronic Components Datasheet Search
  English  ▼

X  

AD7722 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices AD7722 Datasheet HTML 10Page - Analog Devices AD7722 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7722
–7–
REV. 0
PIN FUNCTION DESCRIPTION
Mnemonic
Pin No.
Description
AVDD1
14
Clock logic power supply voltage for the analog modulator, +5 V
± 5%.
AGND1
10
Clock logic ground reference for the analog modulator.
AVDD
20, 23
Analog Power Supply Voltage, +5 V
± 5%.
AGND
9, 13, 15,
Ground reference for analog circuitry.
19, 21, 25, 26
DVDD
39
Digital Power Supply Voltage, +5 V
± 5%.
DGND
6, 28
Ground reference for digital circuitry.
REF1
22
Reference Input/Output. REF1 connects through 3 k
Ω to the output of the internal 2.5 V
reference and to the input of a buffer amplifier that drives the
Σ−∆ modulator. This pin can
also be overdriven with an external reference 2.5 V.
REF2
24
Reference Input/Output. REF2 connects to the output of an internal buffer amplifier used to
to drive the
Σ−∆ modulator. When REF2 is used as an input, REF1 must be connected
to AGND.
VIN(+)
18
Positive terminal of the differential analog input.
VIN(–)
16
Negative terminal of the differential analog input.
UNI
7
Analog input range select input. UNI selects the analog input range for either bipolar
or unipolar operation. A logic low input selects unipolar operation. A logic high input
selects bipolar operation.
CLKIN
11
Clock Input. Master clock signal for the device. The CLKIN pin interfaces the AD7722
internal oscillator circuit to an external crystal or to an external clock. A parallel resonant,
fundamental-frequency, microprocessor-grade crystal and a 1 M
Ω resistor should be
connected between the CLKIN and XTAL pin with two capacitors connected from each
pin to ground. Alternatively, the CLKIN pin can be driven with an external CMOS-
compatible clock. The AD7722 is specified with a clock input frequency of 12.5 MHz.
XTAL
12
Oscillator Output. The XTAL pin connects the internal oscillator output to an external
crystal. If an external clock is used, XTAL should be left unconnected.
P/S
8
Parallel/Serial interface select input. A logic high configures output data interface for parallel
mode operation. Serial mode operation is selected with the P/S set to a logic low.
CAL
27
Calibration Logic Input. A logic high input for a duration of one CLKIN cycle initiates a
calibration sequence for the device Gain and Offset Error.
RESET
17
Reset Logic Input. RESET is used to clear the offset and gain calibration registers. RESET is an
asynchronous input. RESET allows the user to set AD7722 to an uncalibrated state if the device
had been previously calibrated. A rising edge also resets the AD7722
Σ−∆ modulator by shorting
the integrator capacitors in the modulator. In addition RESET functions identically to the
SYNC pin described below.
CS
29
Chip select is a level sensitive logic input. CS enables the output data register for parallel mode
read operation. The CS logic level is sensed on the rising edge of CLKIN. The output data bus
is enabled when the rising edge of CLKIN senses a logic low level on CS if RD is also low. When
CS
is sensed high, the output data bits DB15–DB0 will be high impedance. In serial mode tie
CS
to a logic low.
SYNC
30
Synchronization Logic Input. SYNC is an asynchronous input. When using more than one
AD7722 operated from a common master clock, SYNC allows each ADC’s
Σ−∆ modulator
to simultaneously sample its analog input and update its output data register. A rising edge resets
the AD7722 digital filter sequencer counter to zero. After a SYNC, conversion data is not valid
until after the digital filter settles (reference Figure 7). DVAL goes low in the serial mode. When
the rising edge of CLKIN senses a logic low on SYNC (or RESET) the reset state is released; in
parallel mode, DRDY goes high. After the reset state is released, DVAL returns high after
8192 CLKIN cycles (128
× 64/f
CLKIN); in parallel mode, DRDY returns low after one additional
convolution cycle of the digital filter (64 CLKIN periods), when valid data is ready to be read
from the output data register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com