Electronic Components Datasheet Search
  English  ▼

X  

AD7722 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 1 Page - Analog Devices

  AD7722 Datasheet HTML 1Page - Analog Devices AD7722 Datasheet HTML 2Page - Analog Devices AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7722
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
16-Bit, 195 kSPS
CMOS, Sigma-Delta ADC
FUNCTIONAL BLOCK DIAGRAM
AVDD
DVDD
REF1
AGND
DGND
VIN(+)
VIN(–)
P/
S
REF2
XTAL
CLKIN
UNI
DB15
DB14
DB12
DB11
DB10
DB9/FSO
CAL
RESET
SYNC
CS
DVAL/
RD
CFMT/
DRDY
DB0
DB1
DB2
DB3/
TSI
DB4/
DOE
DB5/
SFMT
DB6/
FSI
DB7/
SCO
DB8/
SDO
16-BIT A/D CONVERTER
Σ∆
MODULATOR
FIR
FILTER
CLOCK
CIRCUITRY
CONTROL
LOGIC
DB13
AD7722
2.5V
REFERENCE
FEATURES
16-Bit Sigma-Delta ADC
64
Oversampling Ratio
Up to 220 kSPS Output Word Rate
Low-Pass, Linear Phase Digital Filter
Inherently Monotonic
On-Chip 2.5 V Voltage Reference
Single Supply +5 V
High Speed Parallel or Serial Interface
GENERAL DESCRIPTION
The AD7722 is a complete low power, 16-bit, sigma-delta
ADC. The part operates from a +5 V supply and accepts a
differential input voltage range of 0 V to +2.5 V or
±1.25 V
centered around a common-mode bias. The AD7722 provides
16-bit performance for input bandwidths up to 90.625 kHz.
The part provides data at an output word rate of 195.3 kHz.
The analog input is continuously sampled by an analog modula-
tor eliminating the need for external sample-and-hold circuitry.
The modulator output is processed by two Finite Impulse
Response (FIR) digital filters in series. The on-chip filtering
reduces the external antialias requirements to first order, in
most cases. The group delay for the filter is 215.5
µs, while the
settling time for a step input is 431
µs. The sample rate, filter
corner frequency, and output word rate are set by an external
clock that is nominally 12.5 MHz.
Use of a single bit DAC in the modulator guarantees excellent
linearity and dc accuracy. Endpoint accuracy is ensured by on-
chip calibration. This calibration procedure minimizes the zero-
scale and full-scale errors.
Conversion data is provided at the output register through a
flexible serial port or a parallel port. This offers 3-wire, high
speed interfacing to digital signal processors. The serial interface
operates in an internal clocking (master) mode, whereby an
internal serial data clock and framing pulse are device outputs.
Additionally, two AD7722s can be configured with the serial
data outputs connected together. Each converter alternately
transmits its conversion data on a shared serial data line.
The part provides an accurate on-chip 2.5 V reference. A
reference input/output function is provided to allow either the
internal reference or an external system reference to be used as
the reference source for the part.
The AD7722 is available in a 44-pin PQFP package and is
specified over the industrial temperature range from –40
°C to
+85
°C.


Similar Part No. - AD7722

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
386Kb / 24P
16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7722 AD-AD7722 Datasheet
452Kb / 24P
16-Bit, 195 kSPS
REV. B
AD7722AS AD-AD7722AS Datasheet
386Kb / 24P
16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7722AS AD-AD7722AS Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
logo
List of Unclassifed Man...
AD7722AS ETC2-AD7722AS Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - AD7722

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7721 AD-AD7721 Datasheet
259Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV.A
AD7723 AD-AD7723 Datasheet
435Kb / 23P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV.0
AD7722ASZ AD-AD7722ASZ Datasheet
386Kb / 24P
16-Bit, 195 kSPS CMOS,-ADC
REV. B
AD7722ASZ AD-AD7722ASZ Datasheet
452Kb / 24P
16-Bit, 195 kSPS CMOS
REV. B
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
AD7721 AD-AD7721_15 Datasheet
263Kb / 16P
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC
REV. A
AD7723 AD-AD7723_15 Datasheet
751Kb / 32P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
REV. C
AD7723 AD-AD7723_17 Datasheet
548Kb / 33P
16-Bit, 1.2 MSPS CMOS, Sigma-Delta ADC
02/23/2017
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
16-Bit, Sigma-Delta ADC
23-Feb-2017
logo
Texas Instruments
ADS117L11 TI-ADS117L11_V01 Datasheet
619Kb / 10P
ADS117L11 400-kSPS, Wide-Bandwidth, 16-Bit, Delta-Sigma ADC
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com