Electronic Components Datasheet Search
  English  ▼

X  

AD7722 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices AD7722 Datasheet HTML 10Page - Analog Devices AD7722 Datasheet HTML 11Page - Analog Devices AD7722 Datasheet HTML 12Page - Analog Devices AD7722 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7722
–9–
REV. 0
SERIAL MODE PIN FUNCTION DESCRIPTION
Mnemonic
Pin No.
Description
DVAL/RD
5
Data Valid Logic Output. A logic high on DVAL indicates that the conversion result in the
output data register is an accurate digital representation of the analog voltage at the input to the
Σ−∆ modulator. The DVAL pin is set low for 8,192 CLKIN cycles if the analog input is overranged
and after initiating CAL, SYNC or RESET.
CFMT/DRDY
4
Serial Clock Format Logic Input. The clock format pin selects whether the serial data, SDO, is valid
on the rising or falling edge of the serial clock, SCO. When CFMT is logic low—SDO is valid on the
falling edge of SCO if SFMT is Low; SDO is valid on the rising edge of SCO if SFMT is High.
When CFMT is logic high—SDO is valid on the rising edge of SCO if SFMT is Low; SDO is valid
on the falling edge of SCO if SFMT is High.
TSI/DB3
44
Time Slot Logic Input. The logic level on TSI sets the active state of the DOE pin. With TSI set
logic high, DOE will enable the SDO output buffer when it is a logic high, and vice versa. TSI is
used when two AD7722s are connected to the same serial data bus.
DOE/DB4
43
Data Output Enable Logic Input. The DOE pin controls the three-state output buffer of the SDO
pin. The active state of DOE is determined by the logic level on the TSI pin. When the DOE logic
level equals the level on TSI pin, the serial data output, SDO, is active. Otherwise, SDO will be high
impedance. SDO can be three-state after a serial data transmission by connecting DOE to FSO.
SFMT/DB5
42
Serial Data Format Logic Input. The logic level on the SFMT pin selects the format of the FSO sig-
nal. A logic low makes the FSO output a pulse one SCO cycle wide occurring every 32 SCO cycles.
With SFMT set to a logic high, the FSO signal is a frame pulse that is active low for the duration of
the 16 data bit transmission.
FSI/DB6
41
Frame Synchronization Logic Input. The FSI input is used to synchronize the AD7722 serial output
data register to an external source. When the falling edge of CLKIN detects a low to high transition,
the AD7722 interrupts the current data transmission, reloads the output serial shift register, resets
SCO, and transmits the conversion result. Synchronization starts immediately, and the next 127
conversions are invalid. In serial mode, DVAL remains high. FSI inputs applied synchronous to the
output data rate do not alter the serial data transmission. If FSI is tied to either a logic high or low,
the AD7722 will generate FSO outputs controlled by the logic level on SMFT.
SCO/DB7
40
Serial Data Clock Output. The serial clock output is synchronous to the CLKIN signal and has a
frequency one-half the CLKIN frequency. A data transmission frame is 32 SCO cycles long.
SDO/DB8
38
Serial Data Output. The serial data is shifted out MSB first, synchronous with the SCO. A serial
data transmission lasts 32 SCO cycles. After the LSB is output, trailing zeros are output for the re-
maining 16 SCO cycles.
FSO/DB9
37
Frame Sync Output. This output indicates the beginning of a word transmission on the SDO pin.
Depending on the logic level of the SFMT pin, the FSO signal is either a positive pulse approxi-
mately one SCO period wide or a frame pulse, which is active low for the duration of the 16 data bit
transmission (reference Figure 4).
DGND/DB0
3
In serial mode these pins should be tied to DGND.
DGND/DB1
2
DGND/DB2
1
DGND/DB10
36
DGND/DB11
35
DGND/DB12
34
DGND/DB13
33
DGND/DB14
32
DGND/DB15
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com