Electronic Components Datasheet Search
  English  ▼

X  

AD7722 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices AD7722 Datasheet HTML 10Page - Analog Devices AD7722 Datasheet HTML 11Page - Analog Devices AD7722 Datasheet HTML 12Page - Analog Devices AD7722 Datasheet HTML 13Page - Analog Devices AD7722 Datasheet HTML 14Page - Analog Devices AD7722 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
(AVDD = DVDD = 5.0 V, TA = +25 C; CLKIN = 12.5 MHz, AIN = 20 kHz, Bipolar Mode; VIN(+) = 0 V to 2.5 V, VIN(–) = 1.25 V unless otherwise noted)
Typical Characteristics–AD7722
INPUT LEVEL – dB
110
100
50
–40
–30
0
–20
–10
90
80
70
60
SFDR
S/ (N+D)
Figure 9. S/(N+D) and SFDR vs.
Analog Input Level
INPUT FREQUENCY – kHz
–85
–90
–115
0
20
100
40
60
80
–95
–100
–105
–110
THD
SNR
SFDR
VIN (+) = VIN(–) = 1.25Vpk–pk
VCM = 2.5V
Figure 12. SNR, THD, and SFDR vs.
Input Frequency
TEMPERATURE –
°C
–94
–116
–50
–25
100
025
50
75
–96
–108
–110
–112
–114
–100
–102
–106
–104
–98
THD
3RD
4TH
2ND
Figure 15. THD vs. Temperature
–11–
REV. 0
OUTPUT DATA RATE – kSPS
84
92
85
88
89
90
91
86
87
0
50
300
100
150
200
250
AIN = 1/5
· BW
Figure 10. S/(N+D) vs. Output
Sample Rate
OUTPUT DATA RATE – kSPS
84
92
85
88
89
90
91
86
87
0
50
300
100
150
200
250
AIN = 1/5
· BW
VIN (+) = VIN(–) = 1.25Vpk–pk
VCM = 2.5V
Figure 13. S/(N+D) vs. Output
Sample Rate
CODES
5000
0
n–3
n–2
n+3
n–1
n
n+1
n+2
4500
2000
1500
1000
500
4000
3500
2500
3000
VIN(+) = VIN(–)
CLKIN = 12.5MHz
8k SAMPLES
Figure 16. Histogram of Output
Codes with DC Input
INPUT FREQUENCY – kHz
–85
–90
–115
0
20
100
40
60
80
–95
–100
–105
–110
SNR
SFDR
THD
Figure 11. SNR, THD, and SFDR vs.
Input Frequency
TEMPERATURE –
°C
92.0
91.5
88.0
–50
0
100
50
90.0
89.5
88.5
89.0
91.0
90.5
Figure 14. SNR vs. Temperature
CODE
1.0
0.8
–1.0
0
20000
65535
40000
–0.4
–0.8
–0.6
0
–0.2
0.6
0.2
0.4
Figure 17. Differential Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com