Electronic Components Datasheet Search
  English  ▼

X  

AD7722 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 3 Page - Analog Devices

  AD7722 Datasheet HTML 1Page - Analog Devices AD7722 Datasheet HTML 2Page - Analog Devices AD7722 Datasheet HTML 3Page - Analog Devices AD7722 Datasheet HTML 4Page - Analog Devices AD7722 Datasheet HTML 5Page - Analog Devices AD7722 Datasheet HTML 6Page - Analog Devices AD7722 Datasheet HTML 7Page - Analog Devices AD7722 Datasheet HTML 8Page - Analog Devices AD7722 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
–3–
REV. 0
AD7722
A Version
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
LOGIC INPUTS (Excluding CLKIN)
VINH, Input High Voltage
2.0
V
VINL, Input Low Voltage
0.8
V
CLOCK INPUT (CLKIN)
VINH, Input High Voltage
4.0
V
VINL, Input Low Voltage
0.4
V
ALL LOGIC INPUTS
IIN, Input Current
VIN = 0 V to DVDD
±10
µA
CIN, Input Capacitance
10
pF
LOGIC OUTPUTS
VOH, Output High Voltage
|IOUT| = 200 µA
4.0
V
VOL, Output Low Voltage
|IOUT| = 1.6 mA
0.4
V
POWER SUPPLIES
AVDD, AVDD1
4.75
5.25
V
DVDD
4.75
5.25
V
IDD
Total from AVDD and DVDD
75
mA
Power Consumption
375
mW
NOTES
1Operating temperature range is as follows : A Version ; –40
°C to +85°C.
2Measurement Bandwidth = 0.5
× F
S; Input Level = –0.05 dB.
3T
A = +25°C to +85°C/TA = TMIN to TMAX.
4Applies after calibration at temperature of interest.
5Gain Error excludes reference error. The ADC gain is calibrated w.r.t. the voltage on the REF2 pin.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25
°C unless otherwise noted)
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to 7 V
AVDD, AVDD1 to AGND . . . . . . . . . . . . . . . . . . –0.3 V to 7 V
AVDD, AVDD1 to DVDD . . . . . . . . . . . . . . . . . . . –1 V to +1 V
AGND, AGND1 to DGND . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital Inputs to DGND . . . . . . . . . . –0.3 V to DVDD + 0.3 V
Digital Outputs to DGND . . . . . . . . . –0.3 V to DVDD + 0.3 V
VIN(+), VIN(–) to AGND . . . . . . . . . . –0.3 V to AVDD + 0.3 V
REF1 to AGND . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
REF2 to AGND . . . . . . . . . . . . . . . . –0.3 V to AVDD + 0.3 V
DGND, AGND1, AGND2 . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 95
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7722 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature
Package
Package
AD7722AS
–40
°C to +85°C
44-Pin PQFP
S-44
IOL
1.6mA
IOH
200µA
+1.6V
CL
50pF
TO
OUTPUT
PIN
Figure 1. Load Circuit for Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com