Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 6 Page - Analog Devices

Part # AD797
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD797 Datasheet HTML 2Page - Analog Devices AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD797–Typical Characteristics
–6–
REV. C
5
0
10M
3
1
100
2
10
4
1M
100k
10k
1k
FREQUENCY – Hz
Figure 13. Input Voltage Noise Spectral Density
120
0
100M
60
20
1k
40
100
100
80
10M
1M
100k
10k
FREQUENCY – Hz
+100
+80
+60
+40
+20
0
PHASE MARGIN
GAIN
WITHOUT
RS*
WITH RS*
WITHOUT
RS*
WITH RS*
*RS = 100Ω
SEE FIGURE 22
Figure 14. Open-Loop Gain & Phase vs. Frequency
–60
140
–40
100
120
80
60
40
20
0
–20
300
150
0
–150
–300
TEMPERATURE –
°C
OVER COMPENSATED
UNDER COMPENSATED
Figure 15. Input Offset Current vs. Temperature
–60
140
–40
100
120
80
60
40
20
0
–20
120
110
100
90
80
35
30
25
20
15
TEMPERATURE –
°C
GAIN/BANDWIDTH PRODUCT
SLEW RATE
RISING EDGE
SLEW RATE
FALLING EDGE
Figure 16. Slew Rate & Gain/Bandwidth Product vs.
Temperature
100
10k
1k
160
100
120
140
LOAD RESISTANCE – Ohms
Figure 17. Open-Loop Gain vs. Resistive Load
100
0.01
10
1M
10
0.1
100
1
10k
100k
1k
FREQUENCY – Hz
* SEE FIGURE 29
WITHOUT CN*
WITH CN*
Figure 18. Magnitude of Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com