Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 4 Page - Analog Devices

Part # AD797
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 4 Page - Analog Devices

  AD797 Datasheet HTML 1Page - Analog Devices AD797 Datasheet HTML 2Page - Analog Devices AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD797–Typical Characteristics
–4–
REV. C
HORIZONTAL SCALE – 5 sec/DIV
Figure 4. 0.1 Hz to 10 Hz Noise
–60
140
–40
100
120
80
60
40
20
0
–20
–2.0
–1.5
–1.0
–0.5
0.0
TEMPERATURE –
°C
Figure 5. Input Bias Current vs. Temperature
140
140
100
60
–40
80
–60
120
120
100
80
60
40
20
0
–20
40
TEMPERATURE –
°C
SOURCE CURRENT
SINK CURRENT
Figure 6. Short Circuit Current vs. Temperature
20
0
0
20
15
5
5
10
10
15
SUPPLY VOLTAGE – ±Volts
Figure 1. Common-Mode Voltage Range vs. Supply
20
0
0
20
15
5
5
10
10
15
SUPPLY VOLTAGE – ±Volts
–V
OUT
+VOUT
Figure 2. Output Voltage Swing vs. Supply
LOAD RESISTANCE –
30
10
0
10
100
10k
1k
20
V = ±5V
S
V = ±15V
S
Figure 3. Output Voltage Swing vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com