Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 7 Page - Analog Devices

Part # AD797
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD797
REV. C
–7–
20pF
1k
Ω
V
OUT
1k
Ω
V
IN
** SEE FIGURE 32
AD797
**
2
7
3
4
6
**
–VS
+VS
Figure 19. Inverter
Connection
* VALUE OF SOURCE RESISTANCE –
SEE TEXT
** SEE FIGURE 32
100
Ω
RS*
V
OUT
V
IN
AD797
**
2
7
3
4
6
**
–VS
+VS
600
Ω
Figure 22. Follower
Connection
See Figure 40 for settling time
test circuit.
10
90
100
0%
5V
1
µs
Figure 20. Inverter Large Signal
Pulse Response
10
90
100
0%
1
µs
5V
Figure 23. Follower Large Signal
Pulse Response
10
90
100
0%
500ns
5mV
Figure 25. 16-Bit Settling Time
Positive Input Pulse
10
90
100
0%
100ns
50mV
Figure 21. Inverter Small Signal
Pulse Response
10
90
100
0%
100ns
50mV
Figure 24. Follower Small Signal
Pulse Response
10
90
100
0%
500ns
5mV
Figure 26. 16-Bit Settling Time
Negative Input Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com