Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 2 Page - Analog Devices

Part # AD797
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 2 Page - Analog Devices

  AD797 Datasheet HTML 1Page - Analog Devices AD797 Datasheet HTML 2Page - Analog Devices AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. C
–2–
AD797–SPECIFICATIONS (@ T
A = +25 C and VS =
15 V dc, unless otherwise noted)
AD797A/S
1
AD797B
Model
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
INPUT OFFSET VOLTAGE
±5 V, ±15 V
25
80
10
40
µV
TMIN to TMAX
50
125/180
30
60
µV
Offset Voltage Drift
±5 V, ±15 V
0.2
1.0
0.2
0.6
µV/°C
INPUT BIAS CURRENT
±5 V, ±15 V
0.25
1.5
0.25
0.9
µA
TMIN to TMAX
0.5
3.0
0.25
2.0
µA
INPUT OFFSET CURRENT
±5 V, ±15 V
100
400
80
200
nA
TMIN to TMAX
120
600/700
120
300
nA
OPEN-LOOP GAIN
VOUT = ± 10 V
±15 V
RLOAD = 2 kΩ
120
2
20
V/
µV
TMIN to TMAX
16
2
10
V/
µV
RLOAD = 600 Ω
115
2
15
V/
µV
TMIN to TMAX
15
2
7
V/
µV
@ 20 kHz
2
14000
20000
14000 20000
V/V
DYNAMIC PERFORMANCE
Gain Bandwidth Product
G = 1000
±15 V
110
110
MHz
G = 10002
±15 V
450
450
MHz
–3 dB Bandwidth
G = 10
±15 V
8
8
MHz
Full Power Bandwidth
3
VO = 20 V p-p,
RLOAD = 1 kΩ± 15 V
280
280
kHz
Slew Rate
RLOAD = 1 kΩ± 15 V
12.5
20
12.5
20
V/
µs
Settling Time to 0.0015%
10 V Step
±15 V
800
1200
800
1200
ns
COMMON-MODE REJECTION
VCM = CMVR
±5 V, ±15 V
114
130
120
130
dB
TMIN to TMAX
110
120
114
120
dB
POWER SUPPLY REJECTION
VS = ± 5 V to ± 18 V
114
130
120
130
dB
TMIN to TMAX
110
120
114
120
dB
INPUT VOLTAGE NOISE
f = 0. 1 Hz to 10 Hz
±15 V
50
50
nV p-p
f = 10 Hz
±15 V
1.7
1.7
2.5
nV/
√Hz
f = 1 kHz
±15 V
0.9
1.2
0.9
1.2
nV/
√Hz
f = 10 Hz–1 MHz
±15 V
1.0
1.3
1.0
1.2
µV rms
INPUT CURRENT NOISE
f = 1 kHz
±15 V
2.0
2.0
pA/
√Hz
INPUT COMMON-MODE
±15 V
±11
±12
±11
±12
V
VOLTAGE RANGE
±5 V
±2.5
±3
±2.5 ±3V
OUTPUT VOLTAGE SWING
RLOAD = 2 kΩ± 15 V
±12
±13
±12
±13
V
RLOAD = 600 Ω± 15 V
±11
±13
±11
±13
V
RLOAD = 600 Ω± 5 V
±2.5
±3
±2.5 ±3V
Short-Circuit Current
±5 V, ±15 V
80
80
mA
Output Current
4
±5 V, ±15 V
30
50
30
50
mA
TOTAL HARMONIC DISTORTION
RLOAD = 1 kΩ, CN = 50 pF
±15 V
–98
–90
–98
–90
dB
f = 250 kHz, 3 V rms
RLOAD = 1 kΩ± 15 V
–120
–110
–120 –110
dB
f = 20 kHz, 3 V rms
INPUT CHARACTERISTICS
Input Resistance (Differential)
7.5
7.5
k
Input Resistance (Common Mode)
100
100
M
Input Capacitance (Differential)
5
20
20
pF
Input Capacitance (Common Mode)
5
5
pF
OUTPUT RESISTANCE
AV = +1, f = 1 kHz
3
3
m
POWER SUPPLY
Operating Range
±5
±18
±5
±18
V
Quiescent Current
±5 V, ±15 V
8.2
10.5
8.2
10.5
mA
NOTES
1See standard military drawing for 883B specifications.
2Specified using external decompensation capacitor, see Applications section.
3Full Power Bandwidth = Slew Rate/2
π V
PEAK.
4Output Current for |V
S – VOUT| >4 V, AOL > 200 kΩ.
5Differential input capacitance consists of 1.5 pF package capacitance and 18.5 pF from the input differential pair.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com