Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 12 Page - Analog Devices

Part # AD797
Description  Ultralow Distortion, Ultralow Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices AD797 Datasheet HTML 13Page - Analog Devices AD797 Datasheet HTML 14Page - Analog Devices AD797 Datasheet HTML 15Page - Analog Devices AD797 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD797
REV. C
–12–
0.47µF
250Ω
0.47µF
4.26k
1kΩ
100Ω
1kΩ
2x
HP2835
(VIA LESS THAN 1FT
50
COAXIAL CABLE)
VERROR X 5
1kΩ
20pF
51pF
NOTE:
USE CIRCUIT
BOARD
WITH GROUND
PLANE
1kΩ
TEKTRONIX
CALIBRATION
FIXTURE
VIN
20pF
1M
TO TEKTRONIX
7A26
OSCILLOSCOPE
PREAMP INPUT
SECTION
A1
AD797
7
4
6
–VS
+VS
1µF
0.1µF
1µF
0.1µF
3
2
A2
AD829
7
4
6
–VS
+VS
3
2
2x
HP2835
226
Ω
Ω
Ω
Ω
Ω
ΩΩ
Ω
Ω
Ω
Figure 40. Settling Time Test Circuit
DISTORTION REDUCTION
The AD797 has distortion performance (THD < –120 dB, @
20 kHz, 3 V rms, RL = 600 Ω) unequaled by most voltage
feedback amplifiers.
At higher gains and higher frequencies THD will increase due
to reduction in loop gain. However in contrast to most conven-
tional voltage feedback amplifiers the AD797 provides two effec-
tive means of reducing distortion, as gain and frequency are
increased; cancellation of the output stage’s distortion and gain
bandwidth enhancement by decompensation. By applying these
techniques gain bandwidth can be increased to 450 MHz at
G = 1000 and distortion can be held to –100 dB at 20 kHz for
G = 100.
The unique design of the AD797 provides for cancellation of the
output stage’s distortion (patent pending). To achieve this a ca-
pacitance equal to the effective compensation capacitance, usu-
ally 50 pF, is connected between Pin 8 and the output (C2 in
Figure 41). Use of this feature will improve distortion perfor-
mance when the closed loop gain is more than 10 or when fre-
quencies of interest are greater than 30 kHz.
Bandwidth enhancement via decompensation is achieved by
connecting a capacitor from Pin 8 to ground (C1 in Figure 41)
effectively subtracting from the value of the internal compensa-
tion capacitance (50 pF), yielding a smaller effective compensa-
tion capacitance and, therefore, a larger bandwidth. The
benefits of this begin at closed loop gains of 100 and up. A
maximum value of
≈33 pF at gains of 1000 and up is recom-
mended. At a gain of 1000 the bandwidth is 450 kHz.
Table IV and Figure 42 summarize the performance of the
AD797 with distortion cancellation and decompensation.
R1
VIN
R2
50pF
AD797
2
8
3
6
a.
C1, SEE TABLE
C2 = 50pF – C1
R1
VIN
R2
AD797
2
8
3
6
C1
C2
b.
Figure 41. Recommended Connections for Distortion
Cancellation and Bandwidth Enhancement
Table IV. Recommended External Compensation
A/B
A
B
R1
R2
C1
C2
3 dB
C1
C2 3 dB
ΩΩ
(pF)
BW
(pF)
BW
G = 10
909 100
0
50
6 MHz
0
50 6 MHz
G = 100
1 k
10
0
50
1 MHz
15
33 1.5 MHz
G = 1000 10 k 10
0
50
110 kHz
33
15 450 kHz
–80
300k
–120
300
100
–110
–100
–90
100k
30k
10k
3k
1k
FREQUENCY – Hz
0.01
0.003
0.001
0.0003
0.0001
NOISE LIMIT, G=1000
NOISE LIMIT, G=100
G=1000
RL=10kΩ
G=1000
RL=600Ω
G=10
RL=600Ω
G=100
RL=600Ω
Figure 42. Total Harmonic Distortion (THD) vs. Frequency
@ 3 V rms for Figure 41b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com