Electronic Components Datasheet Search
  English  ▼

X  

AD8019 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8019
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8019 Datasheet HTML 3Page - Analog Devices AD8019 Datasheet HTML 4Page - Analog Devices AD8019 Datasheet HTML 5Page - Analog Devices AD8019 Datasheet HTML 6Page - Analog Devices AD8019 Datasheet HTML 7Page - Analog Devices AD8019 Datasheet HTML 8Page - Analog Devices AD8019 Datasheet HTML 9Page - Analog Devices AD8019 Datasheet HTML 10Page - Analog Devices AD8019 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD8019
–7–
–100
–90
–80
–70
–60
–50
–40
–30
DIFFERENTIAL OUTPUT VOLTAGE – V p-p
0
5
101520
25
–20
30
35
40
45
50
2ND
3RD
TPC 13. Distortion vs. Output Voltage; f = 100 kHz,
VS =
±12 V, G = +10, RL = 200 Ω, Differential
–100
–90
–80
–70
–60
–50
–40
–30
DIFFERENTIAL OUTPUT VOLTAGE – V p-p
0
5
10
15
20
25
–20
30
35
40
45
50
–110
–10
2ND
3RD
TPC 14. Distortion vs. Output Voltage; f = 500 kHz,
VS =
±12 V, G = +10, RL = 200 Ω, Differential
10
0.5
100
1
0.1
0.6
0.8
0.9
1.0
1.1
1.2
LOAD CURRENT – mA
0.7
1000
–40 C
+25 C
+85 C
VOL
VOH
VOH
VOH
VOL
VOL
TPC 15. Output Saturation Voltage vs. Load; VS =
±12 V,
VS =
±6 V
1000
FREQUENCY – MHz
–19
1
100
10
–16
–13
–10
–7
–4
–1
2
5
8
11
TPC 16. Output Voltage vs. Frequency; VS =
±12 V,
RL = 100
Ω; G = +5
1000
FREQUENCY – MHz
–90
1
100
10
–80
–70
–60
–50
–40
–30
0
0.1
0.01
–20
–10
VIN
909
909
909
909
50
50
50
VOUT
TPC 17. CMRR vs. Frequency; VS =
±12 V, RL = 100 Ω
1000
FREQUENCY – MHz
–19
1
100
10
–16
–13
–10
–7
–4
–1
2
5
8
11
TPC 18. Output Voltage vs. Frequency; VS =
±6 V,
RL = 100
Ω; G = +5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com