Electronic Components Datasheet Search
  English  ▼

X  

AD8019 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8019
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8019 Datasheet HTML 5Page - Analog Devices AD8019 Datasheet HTML 6Page - Analog Devices AD8019 Datasheet HTML 7Page - Analog Devices AD8019 Datasheet HTML 8Page - Analog Devices AD8019 Datasheet HTML 9Page - Analog Devices AD8019 Datasheet HTML 10Page - Analog Devices AD8019 Datasheet HTML 11Page - Analog Devices AD8019 Datasheet HTML 12Page - Analog Devices AD8019 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. 0
AD8019
–9–
FREQUENCY – MHz
1
100
10
0.1
0.01
1
10
100
1000
0.1
0.01
0.001
TPC 25. Output Impedance vs. Frequency; VS =
±12 V;
VS =
±6 V
–100
0V
0V
0
100
200
300
400
500
600
700
800
900
VIN
VOUT
VIN = 2V/DIV
VOUT = 5V/DIV
TIME – ns
TPC 26. Overload Recovery; VS =
±12 V, G = +5, RL =100 Ω
–100
0V
0V
0
100
200
300
400
500
600
700
800
900
VIN
VOUT
VIN = 2V/DIV
VOUT = 5V/DIV
TIME – ns
TPC 27. Overload Recovery; VS =
±12 V, G = +5, RL = 100 Ω
–200
0V
0
400
800
1200
1600
VIN
VOUT
VIN = 1V/DIV
VOUT = 2V/DIV
TIME – ns
0V
TPC 28. Overload Recovery; VS =
±6 V, G = +5, RL = 100 Ω
–200
0V
0
400
800
1200
1600
VIN = 1V/DIV
VOUT = 2V/DIV
TIME – ns
0V
VIN
VOUT
TPC 29. Overload Recovery; VS =
±6 V, G = +5, RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com