Electronic Components Datasheet Search
  English  ▼

X  

AD8019 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8019
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019 Datasheet(HTML) 3 Page - Analog Devices

  AD8019 Datasheet HTML 1Page - Analog Devices AD8019 Datasheet HTML 2Page - Analog Devices AD8019 Datasheet HTML 3Page - Analog Devices AD8019 Datasheet HTML 4Page - Analog Devices AD8019 Datasheet HTML 5Page - Analog Devices AD8019 Datasheet HTML 6Page - Analog Devices AD8019 Datasheet HTML 7Page - Analog Devices AD8019 Datasheet HTML 8Page - Analog Devices AD8019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
–3–
AD8019
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +5
35
MHz
G = +1, VOUT < 0.4 V p-p
175
180
MHz
G = +2, VOUT < 0.4 V p-p
70
75
MHz
0.1 dB Bandwidth
VOUT < 0.4 V p-p
5.5
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
50
MHz
Slew Rate
Noninverting, VOUT = 4 V p-p
400
V/
µs
Rise and Fall Time
Noninverting, VOUT = 2 V p-p
5.5
ns
Settling Time
0.1%, VOUT = 2 V p-p
40
ns
NOISE/DISTORTION PERFORMANCE
Distortion
VOUT = 16 V p-p (Differential)
Second Harmonic
100 kHz, RL(DM) = 200
Ω
–80
dBc
500 kHz, RL(DM) = 200
Ω
–72
dBc
Third Harmonic
100 kHz, RL(DM) = 200
Ω
–85
dBc
500 kHz, RL(DM) = 200
Ω
–80
dBc
Out-of-Band SFDR
144 kHz–500 kHz, Differential RL = 200
Ω
–80
dBc
MTPR
25 kHz–138 kHz, Differential RL = 200
Ω
–73
dBc
Input Voltage Noise
f = 100 kHz
8
nV/
√Hz
Input Current Noise
f = 100 kHz
0.9
pA
√Hz
Crosstalk
f = 1 MHz, G = +2
–85
dB
DC PERFORMANCE
Input Offset Voltage
520
mV
TMIN–TMAX
10
mV
Input Offset Voltage Match
112
mV
TMIN–TMAX
218
mV
Open-Loop Gain
VOUT = 18 V p-p, RL = 100
Ω
86
92
dB
TMIN–TMAX
90
dB
INPUT CHARACTERISTICS
Input Resistance
10
M
Ω
Input Capacitance
0.5
pF
+Input Bias Current
–3
–0.5
+3
µA
TMIN–TMAX
–3.8
+3.8
µA
–Input Bias Current
–1.5
–0.2
+1.5
µA
TMIN–TMAX
–1.7
+1.7
µA
+Input Bias Current Match
–1.0
+0.2
+1.0
µA
TMIN–TMAX
–2.4
+2.4
µA
–Input Bias Current Match
–1.0
+0.1
+1.0
µA
TMIN–TMAX
–2.5
+2.5
µA
CMRR
∆V
CM = –10 V to +10 V
71
76
dB
Input CM Voltage Range
–10
+10
V
OUTPUT CHARACTERISTICS
Output Resistance
0.2
Ω
Output Voltage Swing
RL = 100
Ω
–10.8
+10.8
V
Output Current
SFDR –80 dBc into 100
Ω at 100 kHz
125
170
mA
Short Circuit Current
1
800
mA
POWER SUPPLY
Supply Current/Amp
PWDN = High
9
10
mA
TMIN–TMAX
11.5
mA
PWDN = Low
0.8
1.75
mA
Operating Range
Dual Supply
±4.0
±12
V
Power Supply Rejection Ratio
∆±V
S = +1.0 V to –1.0 V
61
64
dB
LOGIC LEVELS
VPWDN = 0 V to 3 V; VIN = 10 MHz, G = +5
tON
120
ns
tOFF
80
ns
PWDN = “1” Voltage
1.8
+VS
V
PWDN = “0” Voltage
0.5
V
PWDN = “1” Bias Current
220
µA
PWDN = “0” Bias Current
–100
µA
NOTES
1This device is protected from overheating during a short-circuit by a thermal shutdown circuit.
Specifications subject to change without notice.
(@ 25 C, VS =
12 V, RL = 100
, RF = 500
, TMIN = –40 C, TMAX = +85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com