Electronic Components Datasheet Search
  English  ▼

X  

AD8019 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8019
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019 Datasheet(HTML) 1 Page - Analog Devices

  AD8019 Datasheet HTML 1Page - Analog Devices AD8019 Datasheet HTML 2Page - Analog Devices AD8019 Datasheet HTML 3Page - Analog Devices AD8019 Datasheet HTML 4Page - Analog Devices AD8019 Datasheet HTML 5Page - Analog Devices AD8019 Datasheet HTML 6Page - Analog Devices AD8019 Datasheet HTML 7Page - Analog Devices AD8019 Datasheet HTML 8Page - Analog Devices AD8019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8019
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
DSL Line Driver
with Power-Down
PIN CONFIGURATIONS
8
7
6
5
1
2
3
4
AD8019AR
–IN1
OUT1
OUT2
+IN1
–VS
+VS
–IN2
+IN2
14
13
12
11
10
9
8
1
2
3
4
5
6
7
AD8019ARU
NC = NO CONNECT
DGND
NC
PWDN
NC
NC
NC
OUT1
–IN1
+IN1
–VS
OUT2
+VS
–IN2
+IN2
FEATURES
Low Distortion, High Output Current Amplifiers
Operate from 12 V to
12 V Power Supplies,
Ideal for High-Performance ADSL CPE, and xDSL
Modems
Low Power Operation
9 mA/Amp (Typ) Supply Current
Digital (1-Bit) Power-Down
Voltage Feedback Amplifiers
Low Distortion
Out-of-Band SFDR –80 dBc @ 100 kHz into 100
Line
High Speed
175 MHz Bandwidth (–3 dB), G = +1
400 V/ s Slew Rate
High Dynamic Range
VOUT to within 1.2 V of Power Supply
APPLICATIONS
ADSL, VDSL, HDSL, and Proprietary xDSL USB, PCI,
PCMCIA Modems, and Customer Premise Equipment
(CPE)
PRODUCT DESCRIPTION
The AD8019 is a low cost xDSL line driver optimized to drive a
minimum of 13 dBm into a 100
Ω load while delivering outstand-
ing distortion performance. The AD8019 is designed on a 24 V
high-speed bipolar process enabling the use of
± 12 V power
supplies or 12 V only. When operating from a single 12 V sup-
ply the highly efficient amplifier architecture can typically deliver
170 mA output current into low impedance loads through a
1:2 turns ratio transformer. Hybrid designs using
±12 V supplies
enable the use of a 1:1 turns ratio transformer, minimizing attenu-
ation of the receive signal. The AD8019 typically draws 9 mA/
amplifier quiescent current. A 1-bit digital power down feature
reduces the quiescent current to approximately 1.6 mA/amplifier.
Figure 1 shows typical Out of Band SFDR performance under
ADSL CPE (upstream) conditions. SFDR is measured while
driving a 13 dBm ADSL DMT signal into a 100
Ω line with
50
Ω back termination.
The AD8019 comes in thermally enhanced 8-lead SOIC and
14-lead TSSOP packages. The 8-lead SOIC is pin-compatible
with the AD8017 12 V line driver.
FREQUENCY – kHz
132.5
137.5
142.5
–80dBc
Figure 1. Out-of-Band SFDR; VS =
±12 V; 13 dBm Output
Power into 200
Ω, Upstream
8-Lead SOIC
(R-8)
14-Lead TSSOP
(RU-14)


Similar Part No. - AD8019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8019 AD-AD8019_15 Datasheet
1Mb / 20P
DSL Line Driver with Power-Down
REV. 0
More results

Similar Description - AD8019

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
Differential DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
Differential DSL Line Driver
August 31, 2004
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
Dual Channel Differential DSL Line Driver
October 10, 2006
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
Dual Channel Differential DSL Line Driver
March 29, 2007
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
Differential DSL Line Driver
March 26, 2007
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
Dual Channel Differential DSL Line Driver
December 4, 2006
logo
Analog Devices
AD8019 AD-AD8019_15 Datasheet
1Mb / 20P
DSL Line Driver with Power-Down
REV. 0
logo
Intersil Corporation
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
Dual Channel Differential DSL Line Driver
May 9, 2014
logo
Texas Instruments
THS6301 TI1-THS6301 Datasheet
261Kb / 19P
G.Fast DSL Line Driver
logo
Renesas Technology Corp
EL1508 RENESAS-EL1508 Datasheet
864Kb / 18P
Differential DSL Line Driver
March 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com