Electronic Components Datasheet Search
  English  ▼

X  

AD8019 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8019
Description  DSL Line Driver with Power-Down
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8019 Datasheet(HTML) 4 Page - Analog Devices

  AD8019 Datasheet HTML 1Page - Analog Devices AD8019 Datasheet HTML 2Page - Analog Devices AD8019 Datasheet HTML 3Page - Analog Devices AD8019 Datasheet HTML 4Page - Analog Devices AD8019 Datasheet HTML 5Page - Analog Devices AD8019 Datasheet HTML 6Page - Analog Devices AD8019 Datasheet HTML 7Page - Analog Devices AD8019 Datasheet HTML 8Page - Analog Devices AD8019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. 0
AD8019
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD8019 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26.4 V
Internal Power Dissipation
TSSOP-14 Package
2
. . . . . . . . . . . . . . . . . . . . . . . . . 2.2 W
SOIC-8 Package
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4 W
Input Voltage (Common-Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device on a four-layer board with 10 inches2 of 1 oz. copper at
85
°C 14-lead TSSOP package: θ
JA = 90
°C/W.
3Specification is for device on a four-layer board with 10 inches2 of 1 oz. copper at
85
°C 8-lead SOIC package: θ
JA = 100
°C/W.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the AD8019
is limited by the associated rise in junction temperature. The
maximum safe junction temperature for a plastic encapsulated
device is determined by the glass transition temperature of the
plastic, approximately 150
°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package.
The output stage of the AD8019 is designed for maximum load
current capability. As a result, shorting the output to common
can cause the AD8019 to source or sink 500 mA. To ensure
proper operation, it is necessary to observe the maximum power
derating curves. Direct connection of the output to either power
supply rail can destroy the device.
AMBIENT TEMPERATURE – C
2.5
2.0
1.5
1.0
0.5
0
–40 –30 –20 –10
010
20
30
40
50
60
70
80
SOIC
TSSOP
Figure 2. Plot of Maximum Power Dissipation vs.
Temperature for AD8019 for TJ = 150
°C
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8019ARU
–40
°C to +85°C
14-Lead TSSOP
RU-14
AD8019ARU-Reel
–40
°C to +85°C
14-Lead TSSOP
RU-14 Reel
AD8019ARU-EVAL
–40
°C to +85°C
Evaluation Board
ARU-EVAL
AD8019AR
–40
°C to +85°C
8-Lead SOIC
R-8
AD8019AR-Reel
–40
°C to +85°C
8-Lead SOIC
R-8 Reel
AD8019AR-EVAL
–40
°C to +85°C
Evaluation Board
AR EVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com