Electronic Components Datasheet Search
  English  ▼

X  

AD8138 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8138
Description  Low Distortion Differential ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8138 Datasheet HTML 2Page - Analog Devices AD8138 Datasheet HTML 3Page - Analog Devices AD8138 Datasheet HTML 4Page - Analog Devices AD8138 Datasheet HTML 5Page - Analog Devices AD8138 Datasheet HTML 6Page - Analog Devices AD8138 Datasheet HTML 7Page - Analog Devices AD8138 Datasheet HTML 8Page - Analog Devices AD8138 Datasheet HTML 9Page - Analog Devices AD8138 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. E
–6–
AD8138
DIFFERENTIAL OUTPUT VOLTAGE – V p-p
0
6
–120
–90
–100
–110
–70
–80
–60
HD3(F = 5MHz)
VS = 5V
RL = 800
5
4
3
2
1
HD3(F = 20MHz)
HD2(F = 5MHz)
HD2(F = 20MHz)
TPC 10. Harmonic Distortion
vs. Differential Output Voltage
RLOAD –
200
–90
–100
–110
–70
–80
–60
HD3(F = 5MHz)
VS = 5V
VOUT,dm = 2V p-p
HD3(F = 20MHz)
HD2(F = 5MHz)
HD2(F = 20MHz)
600
1000
1400
1800
TPC 13. Harmonic Distortion
vs. RLOAD
FREQUENCY – MHz
0
30
20
VS = +5V
VS = 5V
25
35
40
45
40
60
80
RL = 800
TPC 16. Third Order Intercept vs.
Frequency
DIFFERENTIAL OUTPUT VOLTAGE – V p-p
0
–120
–90
–100
–110
–70
–80
–60
HD3(F = 5MHz)
VS = 5V
RL = 800
1
HD3(F = 20MHz)
HD2(F = 5MHz)
HD2(F = 20MHz)
23
4
TPC 11. Harmonic Distortion
vs. Differential Output Voltage
RLOAD –
200
–90
–100
–110
–70
–80
–60
HD3(F = 5MHz)
HD3(F = 20MHz)
HD2(F = 5MHz)
HD2(F = 20MHz)
VS = 5V
VOUT,dm = 2V p-p
600
1000
1400
1800
–120
TPC 14. Harmonic Distortion
vs. RLOAD
5ns
1V
V+DIN
VOUT,dm
VS = 5V
VOUT+
VOUT–
TPC 17. Large Signal Transient
Response
DIFFERENTIAL OUTPUT VOLTAGE – V p-p
0.25
–90
–100
–110
–70
–80
–60
HD3(F = 5MHz)
VS = 3V
RL = 800
HD3(F = 20MHz)
HD2(F = 5MHz)
HD2(F = 20MHz)
0.50
0.75
1.00
1.25
1.50
1.75
TPC 12. Harmonic Distortion
vs. Differential Output Voltage
FREQUENCY – MHz
49.5
–50
–90
–110
–70
FC = 50MHz
VS = 5V
–30
–10
10
49.7
49.9
50.1
50.3
50.5
TPC 15. Intermodulation Distortion
VOUT,dm = 0.2V p-p
VS = 5V
CF = 0pF
CF = 1pF
5ns
40mV
TPC 18. Small Signal Transient
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com