Electronic Components Datasheet Search
  English  ▼

X  

AD8138 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8138
Description  Low Distortion Differential ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8138 Datasheet HTML 3Page - Analog Devices AD8138 Datasheet HTML 4Page - Analog Devices AD8138 Datasheet HTML 5Page - Analog Devices AD8138 Datasheet HTML 6Page - Analog Devices AD8138 Datasheet HTML 7Page - Analog Devices AD8138 Datasheet HTML 8Page - Analog Devices AD8138 Datasheet HTML 9Page - Analog Devices AD8138 Datasheet HTML 10Page - Analog Devices AD8138 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. E
AD8138
–7–
VOUT,dm = 2V p-p
CF = 0pF
VS = 5V
VS = +5V
5ns
400mV
TPC 19. Large Signal Transient
Response
VS = 5V
F = 20MHz
V+DIN = 8V p-p
G = 3(RF = 1500)
30ns
4V
VOUT,dm
V+DIN
TPC 22. Output Overdrive
FREQUENCY – MHz
11k
10
100
–20
VS = 5V
VOUT,dm/ VIN,cm
–30
–40
–50
–60
–70
–80
TPC 25. CMRR vs. Frequency
VOUT,dm = 2V p-p
VS = 5V
CF = 0pF
5ns
400mV
CF = 1pF
TPC 20. Large Signal Transient
Response
AD8138
499
499
499
49.9
24.9
453
24.9
24.9
CL
499
TPC 23. Test Circuit for Cap
Load Drive
AD8138
499
499
499
49.9
24.9
249
249
499
TPC 26. Test Circuit for Output
Balance
VS = 5V
CF = 1pF
4ns
1V
VOUT,dm
V+DIN
200 V
TPC 21. Settling Time
2.5ns
400mV
VS = 5V
CF = 0pF
CL = 5pF
CL = 20pF
CL = 10pF
TPC 24. Large Signal Transient
Response for Various Cap Loads
FREQUENCY – MHz
11k
10
100
–20
VS = 5V
–30
–40
–50
–60
–70
VS = +5V
VIN = 2V p-p
TPC 27. Output Balance Error
vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com