Electronic Components Datasheet Search
  English  ▼

X  

AD8138 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8138
Description  Low Distortion Differential ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 2 Page - Analog Devices

  AD8138 Datasheet HTML 1Page - Analog Devices AD8138 Datasheet HTML 2Page - Analog Devices AD8138 Datasheet HTML 3Page - Analog Devices AD8138 Datasheet HTML 4Page - Analog Devices AD8138 Datasheet HTML 5Page - Analog Devices AD8138 Datasheet HTML 6Page - Analog Devices AD8138 Datasheet HTML 7Page - Analog Devices AD8138 Datasheet HTML 8Page - Analog Devices AD8138 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. E
–2–
AD8138–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DIN to
OUT Specifications
DYNAMIC PERFORMANCE
–3 dB Small Signal Bandwidth
VOUT = 0.5 V p-p, CF = 0 pF
290
320
MHz
VOUT = 0.5 V p-p, CF = 1 pF
225
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.5 V p-p, CF = 0 pF
30
MHz
Large Signal Bandwidth
VOUT = 2 V p-p, CF = 0 pF
265
MHz
Slew Rate
VOUT = 2 V p-p, CF = 0 pF
1150
V/
ms
Settling Time
0.01%, VOUT = 2 V p-p, CF = 1 pF
16
ns
Overdrive Recovery Time
VIN = 5 V to 0 V Step, G = +2
4
ns
NOISE/HARMONIC PERFORMANCE
*
Second Harmonic
VOUT = 2 V p-p, 5 MHz, RL,dm = 800
W
–94
dBc
VOUT = 2 V p-p, 20 MHz, RL,dm = 800
W
–87
dBc
VOUT = 2 V p-p, 70 MHz, RL,dm = 800
W
–62
dBc
Third Harmonic
VOUT = 2 V p-p, 5 MHz, RL,dm = 800
W
–114
dBc
VOUT = 2 V p-p, 20 MHz, RL,dm = 800
W
–85
dBc
VOUT = 2 V p-p, 70 MHz, RL,dm = 800
W
–57
dBc
IMD
20 MHz
–77
dBc
IP3
20 MHz
37
dBm
Voltage Noise (RTI)
f = 100 kHz to 40 MHz
5
nV/
÷Hz
Input Current Noise
f = 100 kHz to 40 MHz
2
pA/
÷Hz
INPUT CHARACTERISTICS
Offset Voltage
VOS,dm = VOUT,dm/2; VDIN+ = VDIN– = VOCM = 0 V
–2.5
±1
+2.5
mV
TMIN to TMAX Variation
±4
mV/∞C
Input Bias Current
3.5
7
mA
TMIN to TMAX Variation
–0.01
mA/∞C
Input Resistance
Differential
6
M
W
Common Mode
3
M
W
Input Capacitance
1pF
Input Common-Mode Voltage
–4.7 to +3.4
V
CMRR
DVOUT,dm/DVIN,cm; DVIN,cm = ±1 V
–77
–70
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum
DVOUT; Single-Ended Output
7.75
V p-p
Output Current
95
mA
Output Balance Error
DVOUT,cm/DVOUT,dm; DVOUT,dm = 1 V
–66
dB
VOCM to
OUT Specifications
DYNAMIC PERFORMANCE
–3 dB Bandwidth
250
MHz
Slew Rate
330
V/
ms
NPUT VOLTAGE NOISE (RTI)
f = 0.1 MHz to 100 MHz
17
nV/
÷Hz
DC PERFORMANCE
Input Voltage Range
±3.8
V
Input Resistance
200
k
W
Input Offset Voltage
VOS,cm = VOUT,cm; VDIN+ = VDIN– = VOCM = 0 V
–3.5
±1
+3.5
mV
Input Bias Current
0.5
mA
VOCM CMRR
DVOUT,dm/DVOCM; DVOCM = ±1 V
–75
dB
Gain
DVOUT,cm/DVOCM; DVOCM = ±1 V
0.9955 1
1.0045
V/V
POWER SUPPLY
Operating Range
±1.4
±5.5
V
Quiescent Current
18
20
23
mA
TMIN to TMAX Variation
40
mA/∞C
Power Supply Rejection Ratio
DVOUT,dm/DVS; DVS = ±1 V
–90
–70
dB
OPERATING TEMPERATURE RANGE
–40
+85
∞C
*Harmonic Distortion Performance is equal or slightly worse with higher values of R L,dm. See TPCs 13 and 14 for more information.
Specifications subject to change without notice.
(@ 25 C, VS =
5 V, VOCM = 0, G = +1, RL,dm = 500
, unless otherwise noted. Refer
to Figure 1 for test setup and label descriptions. All specifications refer to single-ended input and differential outputs unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com