Electronic Components Datasheet Search
  English  ▼

X  

AD8138 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8138
Description  Low Distortion Differential ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8138 Datasheet HTML 7Page - Analog Devices AD8138 Datasheet HTML 8Page - Analog Devices AD8138 Datasheet HTML 9Page - Analog Devices AD8138 Datasheet HTML 10Page - Analog Devices AD8138 Datasheet HTML 11Page - Analog Devices AD8138 Datasheet HTML 12Page - Analog Devices AD8138 Datasheet HTML 13Page - Analog Devices AD8138 Datasheet HTML 14Page - Analog Devices AD8138 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. E
AD8138
–11–
The power supply pins should be bypassed as close as possible
to the device to the nearby ground plane. Good high frequency
ceramic chip capacitors should be used. This bypassing should
be done with a capacitance value of 0.01
mF to 0.1 mF for each
supply. Further away, low frequency bypassing should be provided
with 10
mF tantalum capacitors from each supply to ground.
The signal routing should be short and direct to avoid parasitic
effects. Wherever there are complementary signals, a symmetrical
layout should be provided to the extent possible to maximize the
balance performance. When running differential signals over a
long distance, the traces on the PCB should be close together or
any differential wiring should be twisted together to minimize
the area of the loop that is formed. This will reduce the radiated
energy and make the circuit less susceptible to interference.
BALANCED TRANSFORMER DRIVER
Transformers are among the oldest devices used to perform a
single-ended-to-differential conversion (and vice versa). Trans-
formers also can perform the additional functions of galvanic
isolation, step-up or step-down of voltages, and impedance
transformation. For these reasons, transformers will always find
uses in certain applications.
However, when driving a transformer single-endedly and then
looking at its output, there is a fundamental imbalance due to the
parasitics inherent in the transformer. The primary (or driven) side
of the transformer has one side at dc potential (usually ground),
while the other side is driven. This can cause problems in systems
that require good balance of the transformer’s differential output
signals.
If the interwinding capacitance (CSTRAY) is assumed to be uni-
formly distributed, a signal from the driving source will couple
to the secondary output terminal that is closest to the primary’s
driven side. On the other hand, no signal will be coupled to the
opposite terminal of the secondary because its nearest primary
terminal is not driven (see Figure 3). The exact amount of this
imbalance will depend on the particular parasitics of the trans-
former, but will mostly be a problem at higher frequencies.
The balance of a differential circuit can be measured by connecting
an equal-valued resistive voltage divider across the differential
outputs and then measuring the center point of the circuit with
respect to ground. Since the two differential outputs are supposed
to be of equal amplitude, but 180 opposite phase, there should
be no signal present for perfectly balanced outputs.
The circuit in Figure 3 shows a Minicircuits T1-6T transformer
connected with its primary driven single-endedly and the second-
ary connected with a precision voltage divider across its terminals.
The voltage divider is made up of two 500
W, 0.005% preci-
sion resistors. The voltage VUNBAL, which is also equal to the
ac common-mode voltage, is a measure of how closely the outputs
are balanced.
The plots in Figure 5 compare the transformer being driven
single-endedly by a signal generator and being driven differen-
tially using an AD8138. The top signal trace of Figure 5 shows
the balance of the single-ended configuration, while the bottom
shows the differentially driven balance response. The 100 MHz
balance is 35 dB better when using the AD8138.
The well-balanced outputs of the AD8138 will provide a drive
signal to each of the transformer’s primary inputs that are of equal
amplitude and 180 out of phase. Thus, depending on how the
polarity of the secondary is connected, the signals that conduct
across the interwinding capacitance will either both assist the
transformer’s secondary signal equally, or both buck the secondary
signals. In either case, the parasitic effect will be symmetrical
and provide a well balanced transformer output (see Figure 5).
PRIMARY
CSTRAY
CSTRAY
NO SIGNAL IS COUPLED
ON THIS SIDE
SIGNAL WILL BE COUPLED
ON THIS SIDE VIA CSTRAY
52.3
SECONDARY VDIFF
500
0.005%
500
0.005%
VUNBAL
Figure 3. Transformer Single-Ended-to-Differential
Converter Is Inherently Imbalanced
VDIFF
500
0.005%
500
0.005%
VUNBAL
CSTRAY
CSTRAY
AD8138
+IN
–IN
499
OUT+
OUT–
499
499
499
49.9
49.9
Figure 4. AD8138 Forms a Balanced Transformer Driver
FREQUENCY – MHz
0
0.3
500
110
100
–20
–40
–60
–80
–100
VUNBAL, DIFFERENTIAL DRIVE
VUNBAL, FOR TRANSFORMER
WITH SINGLE-ENDED DRIVE
Figure 5. Output Balance Error for Circuits of
Figures 3 and 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com