Electronic Components Datasheet Search
  English  ▼

X  

AD8138 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8138
Description  Low Distortion Differential ADC Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8138 Datasheet(HTML) 4 Page - Analog Devices

  AD8138 Datasheet HTML 1Page - Analog Devices AD8138 Datasheet HTML 2Page - Analog Devices AD8138 Datasheet HTML 3Page - Analog Devices AD8138 Datasheet HTML 4Page - Analog Devices AD8138 Datasheet HTML 5Page - Analog Devices AD8138 Datasheet HTML 6Page - Analog Devices AD8138 Datasheet HTML 7Page - Analog Devices AD8138 Datasheet HTML 8Page - Analog Devices AD8138 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. E
–4–
AD8138
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8138 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±5.5 V
VOCM
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±VS
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 550 mW
JA
2 (SOIC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 155
∞C/W
Operating Temperature Range . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering 10 sec) . . . . . . . . . . . . . . 300
∞C
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational section
of this specification is not implied. Exposure to Absolute Maximum Ratings for
extended periods may affect device reliability.
2 Thermal resistance measured on SEMI standard four-layer board.
AD8138
RF = 499
RG = 499
RG = 499
24.9
RL,dm = 499
49.9
RF = 499
Figure 1. Basic Test Circuit
PIN CONFIGURATION
1
2
3
4
8
7
6
5
AD8138
NC
VOCM
–OUT
V+
NC = NO CONNECT
+IN
V–
–IN
+OUT
ORDERING GUIDE
Temperature
Package
Package
Branding
Model
Range
Description
Option
Information
AD8138AR
–40
∞C to +85∞C
8-Lead SOIC
R-8
AD8138AR-REEL
–40
∞C to +85∞C
8-Lead SOIC
13" Tape and Reel
AD8138AR-REEL7
–40
∞C to +85∞C
8-Lead SOIC
7" Tape and Reel
AD8138ARM
–40
∞C to +85∞C
8-Lead MSOP
RM-8
HBA
AD8138ARM-REEL
–40
∞C to +85∞C
8-Lead MSOP
13" Tape and Reel
HBA
AD8138ARM-REEL7
–40
∞C to +85∞C
8-Lead MSOP
7" Tape and Reel
HBA
AD8138-EVAL
Evaluation Board
PIN FUNCTION DESCRIPTIONS
Pin No. Mnemonic Function
1
–IN
Negative Input Summing Node
2VOCM
Voltage applied to this pin sets the
common-mode output voltage with a
ratio of 1:1. For example, 1 V dc on
VOCM will set the dc bias level on +OUT
and –OUT to 1 V.
3V+
Positive Supply Voltage
4
+OUT
Positive Output. Note that the voltage at
–DIN is inverted at +OUT. (See Figure 2.)
5
–OUT
Negative Output. Note that the voltage
at +DIN is inverted at –OUT. (See
Figure 2.)
6V–Negative Supply Voltage
7NC
No Connect
8
+IN
Positive Input Summing Node



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com