Electronic Components Datasheet Search
  English  ▼

X  

AD8151 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8151 Datasheet HTML 2Page - Analog Devices AD8151 Datasheet HTML 3Page - Analog Devices AD8151 Datasheet HTML 4Page - Analog Devices AD8151 Datasheet HTML 5Page - Analog Devices AD8151 Datasheet HTML 6Page - Analog Devices AD8151 Datasheet HTML 7Page - Analog Devices AD8151 Datasheet HTML 8Page - Analog Devices AD8151 Datasheet HTML 9Page - Analog Devices AD8151 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
AD8151
–6–
REV. 0
Pin No.
Signal
Type
Description
62
VEEA11
Power Supply
Most Negative PECL Supply (Unique to this Output)
63
OUT10N
PECL/ECL
High-Speed Output Complement
64
OUT10P
PECL/ECL
High-Speed Output
65
VEEA10
Power Supply
Most Negative PECL Supply (Unique to this Output)
66
OUT09N
PECL/ECL
High-Speed Output Complement
67
OUT09P
PECL/ECL
High-Speed Output
68
VEEA9
Power Supply
Most Negative PECL Supply (Unique to this Output)
69
OUT08N
PECL/ECL
High-Speed Output Complement
70
OUT08P
PECL/ECL
High-Speed Output
71
VEEA8
Power Supply
Most Negative PECL Supply (Unique to this Output)
72
OUT07N
PECL/ECL
High-Speed Output Complement
73
OUT07P
PECL/ECL
High-Speed Output
74
VEEA7
Power Supply
Most Negative PECL Supply (Unique to this Output)
75
OUT06N
PECL/ECL
High-Speed Output Complement
76
OUT06P
PECL/ECL
High-Speed Output
77
VEEA6
Power Supply
Most Negative PECL Supply (Unique to this Output)
78
OUT05N
PECL/ECL
High-Speed Output Complement
79
OUT05P
PECL/ECL
High-Speed Output
80
VEEA5
Power Supply
Most Negative PECL Supply (Unique to this Output)
81
OUT04N
PECL/ECL
High-Speed Output Complement
82
OUT04P
PECL/ECL
High-Speed Output
83
VEEA4
Power Supply
Most Negative PECL Supply (Unique to this Output)
84
OUT03N
PECL/ECL
High-Speed Output Complement
85
OUT03P
PECL/ECL
High-Speed Output
86
VEEA3
Power Supply
Most Negative PECL Supply (Unique to this Output)
87
OUT02N
PECL/ECL
High-Speed Output Complement
88
OUT02P
PECL/ECL
High-Speed Output
89
VEEA2
Power Supply
Most Negative PECL Supply (Unique to this Output)
90
OUT01N
PECL/ECL
High-Speed Output Complement
91
OUT01P
PECL/ECL
High-Speed Output
94
VEEA1
Power Supply
Most Negative PECL Supply (Unique to this Output)
95
OUT00N
PECL/ECL
High-Speed Output Complement
96
OUT00P
PECL/ECL
High-Speed Output
97
VEEA0
Power Supply
Most Negative PECL Supply (Unique to this Output)
100
IN00P
PECL/ECL
High-Speed Input
101
IN00N
PECL/ECL
High-Speed Input Complement
103
IN01P
PECL/ECL
High-Speed Input
104
IN01N
PECL/ECL
High-Speed Input Complement
106
IN02P
PECL/ECL
High-Speed Input
107
IN02N
PECL/ECL
High-Speed Input Complement
109
IN03P
PECL/ECL
High-Speed Input
110
IN03N
PECL/ECL
High-Speed Input Complement
112
IN04P
PECL/ECL
High-Speed Input
113
IN04N
PECL/ECL
High-Speed Input Complement
115
IN05P
PECL/ECL
High-Speed Input
116
IN05N
PECL/ECL
High-Speed Input Complement
118
IN06P
PECL/ECL
High-Speed Input
119
IN06N
PECL/ECL
High-Speed Input Complement
121
IN07P
PECL/ECL
High-Speed Input
122
IN07N
PECL/ECL
High-Speed Input Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com