Electronic Components Datasheet Search
  English  ▼

X  

AD8151 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8151 Datasheet HTML 16Page - Analog Devices AD8151 Datasheet HTML 17Page - Analog Devices AD8151 Datasheet HTML 18Page - Analog Devices AD8151 Datasheet HTML 19Page - Analog Devices AD8151 Datasheet HTML 20Page - Analog Devices AD8151 Datasheet HTML 21Page - Analog Devices AD8151 Datasheet HTML 22Page - Analog Devices AD8151 Datasheet HTML 23Page - Analog Devices AD8151 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD8151
–20–
REV. 0
The power dissipated in the data path outputs is affected by several
factors. The first is whether the outputs are enabled or disabled.
The worst case occurs when all of the outputs are enabled.
The current consumed by the data path logic can be approxi-
mated by:
ICC = 35 mA + [4.5 mA + (IOUT/20 mA
× 3 mA)]
× (# of outputs enabled)
This says that there will always be a minimum of 35 mA flow-
ing. ICC will increase by a factor that is proportional to both the
number of enabled outputs and the programmed output current.
The power dissipated in this circuit section will simply be the
voltage of this section (VCC – VEE) times the current. For a worst
case, assume that VCC – VEE is 5.0 V, all outputs are enabled
and the programmed output current is 25 mA. The power dissi-
pated by the data path logic will be:
P = 5.0 V {35 mA + [4.5 mA + (25 mA/20 mA
× 3 mA)]
× 17} = 876 mW
The power dissipated by the output current depends on several
factors. These are the programmed output current, the voltage
drop from a logic low output to VEE and the number of enabled
outputs. A simplifying assumption is that one of each (enabled)
differential output pair will be low and draw the full output
current (and dissipate most of the power for that output), while
the complementary output of the pair will be high and draw
insignificant current. Thus, its power dissipation of the high
output can be ignored and the output power dissipation for each
output can be assumed to occur in a single static low output
that sinks the full output-programmed current.
The voltage across which this current flows can also vary, depend-
ing on the output circuit design and the supplies that are used
for the data path circuitry. In general, however, there will be a
voltage difference between a logic low signal and VEE. This is
the drop across which the output current flows. For a worst
case, this voltage can be as high as 3.5 V. Thus, for all outputs
enabled and the programmed output current set to 25 mA, the
power dissipated by the outputs:
P = 3.5 V (25 mA)
× 17 = 1.49 W
HEAT SINKING
Depending on several factors in its operation, the AD8151 can
dissipate upwards of 2 W or more. The part is designed to oper-
ate without the need for an explicit external heatsink. However,
the package design offers enhanced heat removal via some of the
package pins to the PC board traces.
The VEE pins on the input sides of the package (Pins 1 to 46 and
Pins 93 to 138) have “finger” extensions inside the package
that connect to the “paddle” upon which the IC chip is mounted.
These pins provide a lower thermal resistance from the IC to
the VEE pins than other pins that just have a bond wire. As a
result these pins can be used to enhance the heat removal pro-
cess from the IC to the circuit board and ultimately to the ambient.
The VEE pins described above should be connected to a large area
of circuit board trace material in order to take most advantage
their lower thermal resistance. If there is a large area available
on an inner layer that is at VEE potential, then vias can be pro-
vided from the package pin traces to this layer. There should be
no thermal-relief pattern when connecting the vias to the inner
layers for these VEE pins. Additional vias in parallel and close to
the pin leads can provide an even lower thermal resistive path. If
possible to use, 2 oz. copper foil will provide better heat removal
than 1 oz.
The AD8151 package has a specified thermal impedance
θJA of
30
°C/W. This is the worst case, still-air value that can be expected
when the circuit board does not significantly enhance the heat
removal from the package. By using the concept described above
or by using forced-air circulation, the thermal impedance can be
lowered.
For an extreme worst case analysis, the junction rise above the
ambient can be calculated assuming 2 W of power dissipation
and
θ
JA of 30
°C/W to yield a 60°C rise above the ambient. There
are many techniques described above that can mitigate this situa-
tion. Most actual circuits will not result in this high a rise of the
junction temperature above the ambient.
APPLICATIONS
AD8151 INPUT AND OUTPUT BUSING
Although the AD8151 is a digital part, in any application that
runs at high speed, analog design details will have to be given very
careful consideration. At high data rates, the design of the signal
channels will have a strong influence on the data integrity and
its associated jitter and ultimately bit error rate (BER).
While it might be considered very helpful to have a suggested
circuit board layout for any particular system configuration,
this is not something that can be practically realized. Systems
come in all shapes, sizes, speeds, performance criteria and cost
constraints. Therefore, some general design guidelines will be
presented that can be used for all systems and judiciously modi-
fied where appropriate.
High-speed signals travel best, i.e. maintain their integrity, when
they are carried by a uniform transmission line that is properly
terminated at either end. Any abrupt mismatches in impedance
or improper termination will create reflections that will add to
or subtract from parts of the desired signal. Small amounts of
this effect are unavoidable, but too much will distort the signal
to the point that the channel BER will increase. It is difficult to
fully quantify these effects, because they are influenced by many
factors in the overall system design.
A constant-impedance transmission line is characterized by
having a uniform cross-section profile over its entire length. In
particular, there should be no “stubs,” which are branches that
intersect the main run of the transmission line. These can have
an electrical “appearance” that is approximated by a lumped
element, such as a capacitor, or if long enough, as another trans-
mission line. To the extent that stubs are unavoidable in a design,
their effect can be minimized by making them as short as pos-
sible and as high an impedance as possible.
Figure 13 shows a differential transmission line that connects
two differential outputs from AD8151s to a generic receiver. A
more generalized system can have more outputs bused, and
more receivers on the same bus, but all the same concepts apply.
The inputs of the AD8151 can also be considered as a receiver.
The transmission lines that bus all of the devices together are
shown with terminations at each end.
The individual outputs of the AD8151 are stubs that intersect
the main transmission line. Ideally, their current-source outputs
would be infinite impedance, and they would have no effect on
signals that propagate along the transmission line. In reality, each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com