Electronic Components Datasheet Search
  English  ▼

X  

AD8151 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8151 Datasheet HTML 15Page - Analog Devices AD8151 Datasheet HTML 16Page - Analog Devices AD8151 Datasheet HTML 17Page - Analog Devices AD8151 Datasheet HTML 18Page - Analog Devices AD8151 Datasheet HTML 19Page - Analog Devices AD8151 Datasheet HTML 20Page - Analog Devices AD8151 Datasheet HTML 21Page - Analog Devices AD8151 Datasheet HTML 22Page - Analog Devices AD8151 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
AD8151
–19–
REV. 0
Power Supplies
There are several options for the power supply voltages for the
AD8151, as there are two separate sections of the chip that require
power supplies. These are the control logic and the high-speed
data paths. Depending on the system architecture, the voltage
levels of these supplies can vary.
Logic Supplies
The control (programming) logic is CMOS and is designed to
interface with any of the various standard single-ended logic
families (CMOS or TTL). Its supply voltage pins are VDD (Pin
170, logic positive) and VSS (Pin 152, logic ground). In all cases
the logic ground should be connected to the system digital ground.
VDD should be supplied at between 3.3 V to 5 V to match the
supply voltage of the logic family that is used to drive the logic
inputs. VDD should be bypassed to ground with a 0.1
µF ceramic
capacitor. The absolute maximum voltage from VDD to VSS
is 5.5 V.
Data Path Supplies
The data path supplies have more options for their voltage lev-
els. The choices here will affect several other areas, like power
dissipation, bypassing, and common mode levels of the inputs
and outputs. The more positive voltage supply for the data paths
is VCC (Pins 41, 98, 149 and 171). The more negative supply is
VEE, which appears on many pins that will not be listed here.
The maximum allowable voltage across these supplies is 5.5 V.
The first choice in the data path power supplies is to decide
whether to run the device as ECL (Emitter-Coupled Logic) or
PECL (Positive ECL). For ECL operation, VCC will be at ground
potential, while VEE will be at a negative supply between –3.3 V
to –5 V. This will make the common-mode voltage of the inputs
and outputs at a negative voltage, see Figure 15.
DATA
PATHS
CONTROL
LOGIC
+3.3V TO +5V
–3.3V TO –5V
VSS
VEE
GND
GND
0.1 F
(ONE FOR EVERY TWO VEE PINS)
0.1 F
AD8151
VDD
VCC
Figure 15. Power Supplies and Bypassing for ECL
Operation
If the data paths are to be dc-coupled to other ECL logic devices
that run with ground as the most positive supply and a negative
voltage for VEE, then this is the proper way to run. However, if
the part is to be ac-coupled, it is not necessary to have the input/
output common mode at the same level as the other system
circuits, but it will probably be more convenient to use the same
supply rails for all devices.
For PECL operation, VEE will be at ground potential and VCC
will be a positive voltage from 3.3 V to 5 V. Thus, the common
mode of the inputs and outputs will be at a positive voltage.
These can then be dc-coupled to other PECL operated devices.
If the data paths are ac-coupled, then the common-mode levels
do not matter, see Figure 16.
DATA
PATHS
CONTROL
LOGIC
+3.3V TO +5V
+3.3V TO +5V
VSS
VEE
GND
GND
0.1 F
(ONE FOR EACH VCC PIN,
4 REQUIRED)
0.1 F
AD8151
VDD
VCC
Figure 16. Power Supplies and Bypassing for PECL
Operation
POWER DISSIPATION
For analysis, the power dissipation of the AD8151 can be divided
into three separate parts. These are the control logic, the data
path circuits and the (ECL or PECL) outputs, which are part of
the data path circuits, but can be dealt with separately. The first
of these, the control logic, is CMOS technology and does not
dissipate a significant amount of power. This power will, of
course, be greater when the logic supply is 5 V rather than 3 V,
but overall it is not a significant amount of power and can be
ignored for thermal analysis.
DATA
PATHS
CONTROL
LOGIC
VSS
VEE
GND
GND
AD8151
VDD
VCC
I, DATA PATH
LOGIC
VOUT LOW – VEE
ROUT
IOUT
Figure 17. Major Power Consumption Paths
The data path circuits operate between the supplies VCC and
VEE. As described in the power supply section, this voltage can
range from 3.3 V to 5 V. The current consumed by this section
will be constant, so operating at a lower voltage can save about
35 percent in power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com