Electronic Components Datasheet Search
  English  ▼

X  

AD8151 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 1 Page - Analog Devices

  AD8151 Datasheet HTML 1Page - Analog Devices AD8151 Datasheet HTML 2Page - Analog Devices AD8151 Datasheet HTML 3Page - Analog Devices AD8151 Datasheet HTML 4Page - Analog Devices AD8151 Datasheet HTML 5Page - Analog Devices AD8151 Datasheet HTML 6Page - Analog Devices AD8151 Datasheet HTML 7Page - Analog Devices AD8151 Datasheet HTML 8Page - Analog Devices AD8151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD8151*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
FUNCTIONAL BLOCK DIAGRAM
CS
RE
D
A
WE
UPDATE
RESET
7
5
SECOND
RANK
17
7-BIT
LATCH
33
17
DIFFERENTIAL
SWITCH
MATRIX
17
OUTP
OUTN
33
33
INP
INN
AD8151
FIRST
RANK
17
7-BIT
LATCH
17
FEATURES
Low Cost
33
17, Fully Differential, Nonblocking Array
3.2 Gb/s per Port NRZ Data Rate
Wide Power Supply Range: +3.3 V, –3.3 V
Low Power
425 mA (Outputs Enabled)
35 mA (Outputs Disabled)
LV PECL and LV ECL Compatible
CMOS/TTL-Level Control Inputs: 3 V to 5 V
Low Jitter
No Heat Sinks Required
Drives a Backplane Directly
Programmable Output Current
Optimize Termination Impedance
User-Controlled Voltage at the Load
Minimize Power Dissipation
Individual Output Disable for Busing and Reducing
Power
Double Row Latch
Buffered Inputs
Available in 184-Lead LQFP
APPLICATIONS
High-Speed Serial Backplane Routing to OC-48 with FEC
Fiber Optic Network Switching
Fiber Channel
LVDS
33
17, 3.2 Gb/s
Digital Crosspoint Switch
*Patent Pending.
X
stream is a trademark of Analog Devices, Inc.
PRODUCT DESCRIPTION
AD8151 is a member of the X
stream line of products and is
a breakthrough in digital switching, offering a large switch array
(33
× 17) on very little power, typically less than 1.5 W. Addi-
tionally, it operates at data rates in excess of 3.2 Gb/s per port,
making it suitable for Sonet OC-48 with 8b/10b Forward Error
Correction (FEC). Further, the pricing of the AD8151 makes
it affordable enough to be used for lower data rates as well.
The AD8151’s flexible supply voltages allow the user to operate
with either PECL or ECL data levels and will operate down to
3.3 V for further power reduction. The control interface is CMOS/
TTL compatible (3 V to 5 V).
Its fully differential signal path reduces jitter and crosstalk while
allowing the use of smaller single-ended voltage swings.
The AD8151 is offered in a 184-lead LQFP package that operates
over the extended commercial temperature range of 0
°C to 85°C.
Figure 1. Eye Pattern, 3.2 Gb/s, PRBS 23
streamª


Similar Part No. - AD8151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
More results

Similar Description - AD8151

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
logo
Vitesse Semiconductor C...
VSC834 VITESSE-VSC834 Datasheet
168Kb / 16P
2.5Gb/s 17 x 17 Crosspoint Switch with Input Signal Activity (ISA) Monitoring
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Optoway Technology Inc
SPB-9805RWG_2015 OPTOWAY-SPB-9805RWG_2015 Datasheet
187Kb / 6P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-97120RW-1590G_2015 OPTOWAY-SPB-97120RW-1590G_2015 Datasheet
184Kb / 5P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
Digital Crosspoint Switch
REV. B
logo
Optoway Technology Inc
SPB-9705RWG OPTOWAY-SPB-9705RWG_15 Datasheet
406Kb / 6P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
SPB-9780RW-1590G OPTOWAY-SPB-9780RW-1590G_15 Datasheet
188Kb / 6P
3.2 Gb/s Digital Diagnostic Single-Fiber SFP Transceiver
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
3.2 Gbps 288x288 Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com