Electronic Components Datasheet Search
  English  ▼

X  

AD8151 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8151
Description  33 x 17, 3.2 Gb/s Digital Crosspoint Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8151 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8151 Datasheet HTML 7Page - Analog Devices AD8151 Datasheet HTML 8Page - Analog Devices AD8151 Datasheet HTML 9Page - Analog Devices AD8151 Datasheet HTML 10Page - Analog Devices AD8151 Datasheet HTML 11Page - Analog Devices AD8151 Datasheet HTML 12Page - Analog Devices AD8151 Datasheet HTML 13Page - Analog Devices AD8151 Datasheet HTML 14Page - Analog Devices AD8151 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD8151
–11–
REV. 0
100
90
80
70
60
50
40
30
20
10
0
550
570
590
610
630
650
670
690
710
730
PROPAGATION DELAY – ps
TPC 19. Variation in Channel-to-Channel Delay,
All 561 Points
2.5Gb/s
3.2Gb/s
100
90
80
70
60
50
40
30
20
10
0
5
OUTPUT CURRENT – mA
10
15
20
25
TPC 20. Jitter vs. IOUT, PRBS 23
200
150
100
50
0
–50
–100
–150
–200
–100
–80
–60
–40
–20
0
20
40
60
80
100
NORMALIZED TEMPERATURE – C
TPC 21. Propagation Delay, Normalized at 25
°C vs.
Temperature
VCC
VEE
1.65k
105
1.65k
49.9
VTT
PRBS
GENERATOR
VTT
49.9
AD8151
VCC
VEE
IN
OUT
P
N
P
HIGH-SPEED
SAMPLING
OSCILLOSCOPE
50
50
VCC = 0V, VEE = –3.3V, VTT = –1.6V, VDD = 5V, VSS = 0V
RSET = 1.54k , IOUT = 16mA, VOH = –0.8V, VOL = –1.2V
VIN = 0.8V p-p EXCEPT AS NOTED
DATA OUT
DATA OUT
–6dB
N
–6dB
TPC 22. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com