Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 5 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 5 Page - Analog Devices

  AD818 Datasheet HTML 1Page - Analog Devices AD818 Datasheet HTML 2Page - Analog Devices AD818 Datasheet HTML 3Page - Analog Devices AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD818
REV. B
–5–
70
30
–60
140
60
40
–40
50
100
120
80
60
40
20
0
–20
95
85
75
65
55
TEMPERATURE – °C
PHASE MARGIN
GAIN/BANDWIDTH
Figure 8. –3 dB Bandwidth and Phase Margin vs.
Temperature. Gain = +2
9
6
3
100
1k
10k
4
5
7
8
LOAD RESISTANCE – Ohms
±15V
±5V
Figure 9. Open-Loop Gain vs. Load Resistance
130
30
140
90
50
–40
70
–60
110
120
100
80
60
40
20
0
–20
TEMPERATURE – °C
SOURCE CURRENT
SINK CURRENT
Figure 10. Short Circuit Current vs. Temperature
-40°C
8.0
6.0
0
20
7.5
6.5
5
7.0
10
15
SUPPLY VOLTAGE – ±Volts
+25°C
+85°C
Figure 5. Quiescent Supply Current vs. Supply Voltage
100
1
0.01
1k
10k
100M
10M
1M
100k
0.1
10
FREQUENCY – Hz
Figure 6. Closed-Loop Output Impedance vs. Frequency
7
1
140
4
2
–40
3
–60
6
5
120
80
60
40
100
20
0
–20
TEMPERATURE –
°C
Figure 7. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com