Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 6 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD818 Datasheet HTML 2Page - Analog Devices AD818 Datasheet HTML 3Page - Analog Devices AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices AD818 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
100
–20
1G
40
0
10k
20
1k
80
60
100M
10M
1M
100k
FREQUENCY – Hz
+100
+40
0
+20
+80
+60
±15V SUPPLIES
RL = 1k
±5V SUPPLIES
RL = 1k
PHASE ±5V OR
±15V SUPPLIES
Ω
Ω
Figure 11. Open-Loop Gain and Phase Margin vs.
Frequency
100
10
100M
30
20
1k
100
40
50
60
70
80
90
10M
1M
100k
10k
FREQUENCY – Hz
–SUPPLY
+SUPPLY
Figure 12. Power Supply Rejection vs. Frequency
120
40
1k
10M
100
60
10k
80
100k
1M
FREQUENCY – Hz
Figure 13. Common-Mode Rejection vs. Frequency
10
–10
160
–4
–8
20
–6
0
2
–2
0
4
6
8
140
120
100
80
60
40
SETTLING TIME – ns
0.01%
0.1%
1%
1%
0.01%
0.1%
Figure 14. Output Swing and Error vs. Settling Time
50
0
10M
30
10
10
20
1
40
1M
100k
10k
1k
100
FREQUENCY – Hz
Figure 15. Input Voltage Noise Spectral Density vs.
Frequency
30
10
0
100k
1M
100M
10M
20
FREQUENCY – Hz
R = 1k
L
R = 150
L
Ω
Ω
Figure 16. Output Voltage vs. Frequency
AD818–Typical Characteristics
REV. B
–6–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com