Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 4 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 4 Page - Analog Devices

  AD818 Datasheet HTML 1Page - Analog Devices AD818 Datasheet HTML 2Page - Analog Devices AD818 Datasheet HTML 3Page - Analog Devices AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD818
REV. B
–4–
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE – ±Volts
–V
CM
+VCM
Figure 1. Common-Mode Voltage Range vs. Supply
VS = ±15V
30
0
10k
15
5
100
10
10
20
1k
25
LOAD RESISTANCE –
Ω
VS = ±5V
Figure 2. Output Voltage Swing vs. Load Resistance
600
200
020
500
300
5
400
10
15
SUPPLY VOLTAGE – ±Volts
Figure 3. Slew Rate vs. Supply Voltage
20
0
0
20
15
5
5
10
10
15
SUPPLY VOLTAGE – ±Volts
RL = 500
RL = 150
Ω
Ω
Figure 4. Output Voltage Swing vs. Supply
–Typical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com