Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 11 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices AD818 Datasheet HTML 10Page - Analog Devices AD818 Datasheet HTML 11Page - Analog Devices AD818 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD818
REV. B
–11–
AD829
100
0.47µF
0.01µF
–VS
0.47µF
0.01µF
+VS
SHORT, DIRECT
CONNECTION TO
TEKTRONIX TYPE 11402
OSCILLOSCOPE PREAMP
INPUT SECTION
15pF
1M
SETTLING
OUTPUT
2
×
HP2835
ERROR AMPLIFIER
VERROR OUTPUT × 10
1.9k
100
AD818
0.01µF
–VS
0.01µF
2.2µF
+VS
2.2µF
10pF
SCOPE PROBE
CAPACITANCE
TEKTRONIX P6201
FET PROBE TO
TEKTRONIX TYPE 11402
OSCILLOSCOPE
PREAMP INPUT SECTION
500
5–18pF
DEVICE
UNDER
TEST
NOTE:
USE CIRCUIT BOARD
WITH GROUND PLANE
FALSE
SUMMING
NODE
NULL
ADJUST
1k
100
1k
50
COAX
CABLE
TTL LEVEL
SIGNAL
GENERATOR
50Hz
OUTPUT
2
13
1, 14
7, 8
DIGITAL
GROUND
ANALOG
GROUND
0 TO ±10V
POWER
SUPPLY
EI&S
DL1A05GM
MERCURY
RELAY
ERROR
SIGNAL
OUTPUT
500
50
2
3
5
6
4
7
2
×
HP2835
2
3
6
7
4
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Figure 37. Settling Time Test Circuit
DIFFERENTIAL LINE RECEIVER
The differential receiver circuit of Figure 39 is useful for many
applications from audio to video. It allows extraction of a low
level signal in the presence of common-mode noise. As shown
in Figure 40, the AD818 provides this function with only
10 nV/
√Hz noise at the output.
VOUT
2pF
DIFFERENTIAL
INPUT
+5V
–5V
OUTPUT
AD818
0.01 F
2.2 F
2
3
6
4
7
0.01 F
2.2 F
2pF
1k
1k
1k
1k
Figure 39. Differential Line Receiver
200
V
10n
s
200m
V
10
90
100
0%
1V
2V
20ns
Figure 40. Performance of Line Receiver, RL = 150
Ω,
G = +2
AD818 SETTLING TIME
Settling time is comprised primarily of two regions. The first is
the slew time in which the amplifier is overdriven, where the
output voltage rate of change is at its maximum. The second is
the linear time period required for the amplifier to settle to
within a specified percent of the final value.
Measuring the rapid settling time of AD818 (45 ns to 0.1% and
80 ns to 0.01%—10 V step) requires applying an input pulse
with a very fast edge and an extremely flat top. With the AD818
configured in a gain of –1, a clamped false summing junction
responds when the output error is within the sum of two diode
voltages (approximately 1 volt). The signal is then amplified 20
times by a clamped amplifier whose output is connected directly
to a sampling oscilloscope.
A High Performance Video Line Driver
The buffer circuit shown in Figure 38 will drive a back-termi-
nated 75
Ω video line to standard video levels (1 V p-p) with
0.1 dB gain flatness to 55 MHz with only 0.05
° and 0.01%
differential phase and gain at the 3.58 MHz NTSC subcarrier
frequency. This level of performance, which meets the require-
ments for high-definition video displays and test equipment, is
achieved using only 7 mA quiescent current.
+15V
VIN
–15V
AD818
0.01µF
2.2µF
2
3
6
4
7
0.01µF
2.2µF
Rt
75
Ω
Rbt
75
Ω
75
Ω
Rt
75
Ω
1k
Ω
1k
Ω
Figure 38. Video Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com