Electronic Components Datasheet Search
  English  ▼

X  

AD818 Datasheet(PDF) 12 Page - Analog Devices

Part # AD818
Description  Low Cost, Low Power Video Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD818 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD818 Datasheet HTML 4Page - Analog Devices AD818 Datasheet HTML 5Page - Analog Devices AD818 Datasheet HTML 6Page - Analog Devices AD818 Datasheet HTML 7Page - Analog Devices AD818 Datasheet HTML 8Page - Analog Devices AD818 Datasheet HTML 9Page - Analog Devices AD818 Datasheet HTML 10Page - Analog Devices AD818 Datasheet HTML 11Page - Analog Devices AD818 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD818
REV. B
–12–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic Mini-DIP (N) Package
0.011±0.003
(0.28±0.08)
0.30 (7.62)
REF
15
°
0
°
PIN 1
4
5
8
1
0.25
(6.35)
0.31
(7.87)
0.10
(2.54)
BSC
SEATING
PLANE
0.035±0.01
(0.89±0.25)
0.18±0.03
(4.57±0.76)
0.033
(0.84)
NOM
0.018±0.003
(0.46±0.08)
0.125
(3.18)
MIN
0.165±0.01
(4.19±0.25)
0.39 (9.91) MAX
8-Lead SOIC (R) Package
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
A HIGH SPEED, THREE OP AMP IN AMP
The circuit of Figure 41 uses three high speed op amps: two
AD818s and an AD817. This high speed circuit lends itself well
to CCD imaging and other video speed applications. It has the
optional flexibility of both dc and ac trims for common-mode
rejection, plus the ability to adjust for minimum settling time.
+VIN
RG
2pF
5pF
A1
AD818
–VIN
VOUT
2-8 pF
SETTLING
TIME A.C.
CMR ADJUST
RL
2k
970
50
D.C. CMR
ADJUST
3pF
A2
AD818
A3
AD817
+15V
COMMON
–15V
10µF
10µF
+VS
–VS
0.1µF
0.1µF
1µF
1µF
PIN 7
EACH
AMPLIFIER
0.1µF
0.1µF
PIN 4
EACH
AMPLIFIER
EACH
AMPLIFIER
BANDWIDTH, SETTLING TIME, & TOTAL HARMONIC DISTORTION VS. GAIN
GAIN
RG
CADJ
(pF)
SMALL
SIGNAL
BANDWIDTH
SETTLING
TIME
TO 0.1%
THD + NOISE
BELOW INPUT LEVEL
@ 10kHz
3
10
100
1k
222
20
2-8
2-8
2-8
14.7 MHz
4.5 MHz
960 kHz
200ns
370ns
2.5µs
82 dB
81 dB
71 dB
1k
5pF
1k
1k
1k
1k
Figure 41. High Speed 3 Op Amp In Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com