Electronic Components Datasheet Search
  English  ▼

X  

AD8300 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8300
Description  3 Volt, Serial Input Complete 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8300 Datasheet(HTML) 5 Page - Analog Devices

  AD8300 Datasheet HTML 1Page - Analog Devices AD8300 Datasheet HTML 2Page - Analog Devices AD8300 Datasheet HTML 3Page - Analog Devices AD8300 Datasheet HTML 4Page - Analog Devices AD8300 Datasheet HTML 5Page - Analog Devices AD8300 Datasheet HTML 6Page - Analog Devices AD8300 Datasheet HTML 7Page - Analog Devices AD8300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
AD8300
–5–
2.5
2.0
0
01
6
45
0.5
1.0
1.5
23
VDD SUPPLY VOLTAGE – Volts
TA = –40 TO +85 C
Figure 5. Logic Input Threshold
Voltage vs. VDD
50
45
0
10
100
1M
10k
100k
40
35
30
25
20
15
10
5
1k
FREQUENCY – Hz
VDD = +3V
10%
VDD = +5V
10%
TA = +25 C
DATA = FFFH
Figure 8. Power Supply Rejection
vs. Frequency
CODE 800H TO 7FFH
Figure 11. Midscale Transition
Performance
80
40
–80
02
1
–40
0
60
20
–60
–20
OUTPUT VOLTAGE – Volts
VDD = +3V
VDD = +5V
VDD = +3V
VDD = +5V
POSITIVE
CURRENT
LIMIT
NEGATIVE
CURRENT
LIMIT
DATA = 800H
RL TIED TO +1.024V
Figure 4. IOUT vs. VOUT
TIME = 100 s/DIV
Figure 7. Broadband Noise
3.5
3.0
0
01
5
34
1.5
2.5
2.0
2
LOGIC VOLTAGE – Volts
VDD = +5V
VDD = +3V
TA = +25 C
DATA = FFFH
1.0
0.5
Figure 10. Supply Current vs. Logic
Input Voltage
HORIZONTAL = 1 s/DIV
Figure 6. Detail Settling Time
HORIZONTAL = 20 s/DIV
Figure 9. Large Signal Settling Time
0.5 s/DIV
Figure 12. Digital Feedthrough vs.
Time
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com