Electronic Components Datasheet Search
  English  ▼

X  

AD8300 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8300
Description  3 Volt, Serial Input Complete 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8300 Datasheet(HTML) 8 Page - Analog Devices

  AD8300 Datasheet HTML 1Page - Analog Devices AD8300 Datasheet HTML 2Page - Analog Devices AD8300 Datasheet HTML 3Page - Analog Devices AD8300 Datasheet HTML 4Page - Analog Devices AD8300 Datasheet HTML 5Page - Analog Devices AD8300 Datasheet HTML 6Page - Analog Devices AD8300 Datasheet HTML 7Page - Analog Devices AD8300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. A
AD8300
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead SOIC (SO-8)
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
8-Lead Plastic DIP (N-8)
SEATING
PLANE
0.015
(0.381)
TYP
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.160 (4.06)
0.115 (2.93)
0.070 (1.77)
0.045 (1.15)
0.130
(3.30)
MIN
8
14
5
PIN 1
0.280 (7.11)
0.240 (6.10)
0.100 (2.54)
BSC
0.430 (10.92)
0.348 (8.84)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
15
0
VOH and VOL voltage levels. Consequently, for optimum dissipa-
tion use of CMOS logic versus TTL provides minimal dissipa-
tion in the static state. A VINL = 0 V on the logic input pins
provides the lowest standby dissipation of 1.2 mA with a +3.3 V
power supply.
As with any analog system, it is recommended that the AD8300
power supply be bypassed on the same PC card that contains
the chip. Figure 8 shows the power supply rejection versus fre-
quency performance. This should be taken into account when
using higher frequency switched-mode power supplies with
ripple frequencies of 100 kHz and higher.
One advantage of the rail-to-rail output amplifiers used in the
AD8300 is the wide range of usable supply voltage. The part is
fully specified and tested over temperature for operation from
+2.7 V to +5.5 V. If reduced linearity and source current capa-
bility near full scale can be tolerated, operation of the AD8300
is possible down to +2.1 volts. The minimum operating supply
voltage versus load current plot in Figure 2 provides information
for operation below VDD = +2.7 V.
TIMING AND CONTROL
The AD8300 has a separate serial-input register from the 12-bit
DAC register that allows preloading of a new data value MSB
first into the serial register without disturbing the present DAC
output voltage value. Data can only be loaded when the
CS pin
is active low. After the new value is fully loaded in the serial-
input register, it can be asynchronously transferred to the DAC
register by strobing the
LD pin. The DAC register uses a level
sensitive
LD strobe that should be returned high before any new
data is loaded into the serial-input register. At any time the
contents of the DAC resister can be reset to zero by strobing the
CLR pin which causes the DAC output voltage to go to zero
volts. All of the timing requirements are detailed in Figure 3
along with Table I. Control Logic Truth Table.
All digital inputs are protected with a Zener type ESD protection
structure (Figure 22) that allows logic input voltages to exceed
the VDD supply voltage. This feature can be useful if the user is
loading one or more of the digital inputs with a 5 V CMOS logic
input voltage level while operating the AD8300 on a +3.3 V
power supply. If this mode of interface is used, make sure that
the VOL of the +5 V CMOS meets the VIL input requirement of
the AD8300 operating at 3 V. See Figure 5 for the effect on
digital logic input threshold versus operating VDD supply voltage.
VDD
LOGIC
IN
GND
Figure 22. Equivalent Digital Input ESD Protection
Unipolar Output Operation
This is the basic mode of operation for the AD8300. The
AD8300 has been designed to drive loads as low as 400
Ω in
parallel with 500 pF. The code table for this operation is shown
in Table II.
APPLICATIONS INFORMATION
See DAC8512 data sheet for additional application circuit ideas.
Table II. Unipolar Code Table
Hexadecimal
Decimal
Number in
Number in
Analog Output
DAC Register
DAC Register
Voltage (V)
FFF
4095
+2.0475
801
2049
+1.0245
800
2048
+1.0240
7FF
2047
+1.0235
000
0
+0.0000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com