Electronic Components Datasheet Search
  English  ▼

X  

AD8300 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8300
Description  3 Volt, Serial Input Complete 12-Bit DAC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8300 Datasheet(HTML) 6 Page - Analog Devices

  AD8300 Datasheet HTML 1Page - Analog Devices AD8300 Datasheet HTML 2Page - Analog Devices AD8300 Datasheet HTML 3Page - Analog Devices AD8300 Datasheet HTML 4Page - Analog Devices AD8300 Datasheet HTML 5Page - Analog Devices AD8300 Datasheet HTML 6Page - Analog Devices AD8300 Datasheet HTML 7Page - Analog Devices AD8300 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
REV. A
AD8300
–6–
1.5
1.0
–1.5
–55 –35
125
5
25
45
65
85 105
–15
0.5
0
–0.5
–1.0
TEMPERATURE – C
VDD = +2.7V
VDD = +5V
NO LOAD
ss = 300 UNITS
NORMALIZED TO +25 C
Figure 14. Zero-Scale Voltage Drift
vs. Temperature
10
1
0.01
1
100k
10
100
1k
10k
0.1
FREQUENCY – Hz
VDD = +3V
DATA = FFFH
Figure 17. Output Voltage Noise
Density vs. Frequency
2.4
2.0
0
0
100
600
200
300
500
0.8
1.2
1.6
0.4
400
HOURS OF OPERATION AT +150 C
FULL SCALE (DATA = FFFH)
ZERO SCALE (DATA = 000H)
VDD = +2.7V
ss = 135 UNITS
Figure 19. Long Term Drift
Accelerated by Burn-In
60
50
0
10
30
40
20
–1
0
6
23
14
5
TOTAL UNADJUSTED ERROR – mV
TUE =
INL+ZS+FS
ss = 300 UNITS
VDD = +3V
TA = +25 C
Figure 13. Total Unadjusted
Error Histogram
1.5
1.0
–1.5
–55 –35
125
5
25
45
65
85 105
–15
0.5
0
–0.5
–1.0
TEMPERATURE – C
VDD = +2.7V
VDD = +5.5V
NO LOAD
ss = 300 UNITS
NORMALIZED TO +25 C
Figure 16. Full-Scale Voltage Drift
vs. Temperature
3.0
1.0
–60
–20
140
20
60
100
2.2
2.6
1.8
TEMPERATURE – C
DATA = FFFH
VIH = +2.4V
VIL = 0V
VDD = +5.5V
VDD = +5.0V
1.4
VDD = +4.5V
VDD = +2.7, 3.0, 3.3V
Figure 15. Supply Current vs.
Temperature
70
60
0
–50 –40
40
–20 –10
50
–30
40
30
20
10
020
30
10
TEMPERATURE COEFFICIENT – ppm/ C
VDD = +3V
DATA FFFH
TA = –40 TO +85 C
Figure 18. Full-Scale Output
Tempco Histogram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com