Electronic Components Datasheet Search
  English  ▼

X  

AD8303 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8303 Datasheet HTML 2Page - Analog Devices AD8303 Datasheet HTML 3Page - Analog Devices AD8303 Datasheet HTML 4Page - Analog Devices AD8303 Datasheet HTML 5Page - Analog Devices AD8303 Datasheet HTML 6Page - Analog Devices AD8303 Datasheet HTML 7Page - Analog Devices AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices AD8303 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8303–Typical Performance Characteristics
REV. 0
–6–
120
40
02
1
–80
0
80
–120
–40
OUTPUT VOLTAGE – Volts
VDD = +5V
POSITIVE
CURRENT
LIMIT
NEGATIVE
CURRENT
LIMIT
DATA = 800H
RL TIED TO
+1.024V
Figure 4. I
OUT vs. VOUT
75
0
60
45
30
15
10
100
1M
10k
100k
1k
FREQUENCY – Hz
TA = +25°C
DATA = 800H
VDD = +3V ± 10%
VDD = +5V ± 10%
Figure 7. Power Supply Rejection
vs. Frequency
100
90
10
0%
10mV
1µs
2V
VOUT
CLK
Figure 10. Clock Feedthrough vs.
Time
7
6
0
01
5
34
3
5
4
2
LOGIC VOLTAGE – Volts
VDD = +5V
VDD = +3V
TA = +25°C
DATA = 000H
2
1
Figure 6. Supply Current vs. Logic
Input Voltage
100
90
10
0%
1V
5µs
5V
VOUT
LD
Figure 9. Large Signal Settling Time
2.5
2.0
–0.5
1.5
1.0
0.5
0
–55 –35
125
5
25
45
65
85 105
–15
TEMPERATURE –
°C
VDD = +2.7V
VDD = +5.5V
NO LOAD
SS = 200 UNITS
NORMALIZED TO +25
°C
Figure 12. Full-Scale Voltage Drift
vs. Temperature
TIME = 100µs/DIV
100
90
10
0%
TA = +25°C
NBW = 635kHz
Figure 5. Broadband Noise
CODE 800H TO 7FFH
100
90
10
0%
50mV
200ns
5V
VOUT
LD
Figure 8. Midscale Transition
Performance
120
100
0
20
60
80
40
–5 –3
1
5
–1
9
TOTAL UNADJUSTED ERROR – LSB
TUE =
∑ (INL+ZS+FS)
SS = 200 UNITS
VDD = +2.7V
3
7
11 13 15
Figure 11. Total Unadjusted
Error Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com