Electronic Components Datasheet Search
  English  ▼

X  

AD8303 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices AD8303 Datasheet HTML 10Page - Analog Devices AD8303 Datasheet HTML 11Page - Analog Devices AD8303 Datasheet HTML 12Page - Analog Devices AD8303 Datasheet HTML 13Page - Analog Devices AD8303 Datasheet HTML 14Page - Analog Devices AD8303 Datasheet HTML 15Page - Analog Devices AD8303 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8303
REV. 0
–14–
;AD8303.ASM
;
;
This subroutine loads an AD8303 shift register with a 12-bit
;
DAC value, and transfers the value to DAC A or DAC B.
;
The DAC value is stored at location DAC-VAL1 (MSB) and DAC_VAL0 (LSB)
;
The DAC address (A or B) is stored at DAC_ADDR, (b0=0 for A, b1=0 for B)
;
;
Primary controls
$MOD51
$TITLE(AD8303 Interface, Using the Serial Port in Mode 0)
;
;
Variable declarations
;
PORT1
DATA
90H
;SFR register for port 1
DAC_VAL0
DATA
40H
;LSBs of 12-bit DAC Value
DAC_VAL1
DATA
41H
; MSBs of DAC Value
DAC_ADDR
DATA
42H
;DAC address, format is:
; 1,1,1,1,1,1,LDB,LDA
;
Set bit low to select DAC
LOOPCOUNT
DATA
43H
;Count loops for byte swap
SHIFTREG
DATA
44H
;Shift reg. for byte swap
SENDBYTE
DATA
45H
; Destination reg. for SR
;
ORG
100H
;arbitrary starting address
DO_8303:
CLR
SCON.7
;set serial
CLR
SCON.6
;
data mode 0
CLR
SCON.5
;Clr SM2 for mode 0
CLR
SCON.1
;Clr the transmit flag
MOV
SHIFTREG,DAC_VAL1
;Get Most Significant Byte
ACALL
SEND_IT
;
send to AD8303
MOV
SHIFTREG,DAC_VAL0
;Get Least Significant Byte
ACALL
SEND_IT
;
send it to the AD8303
MOV
A,PORT1
;Get I/O port contents
ANL
A,DAC_ADDR
;Clr LDA/LDB, other bits unchanged
MOV
PORT1,A
;Send to I/O port
ORL
A,#00000011B
;Set LDA and LDB high
MOV
PORT1,A
;Send to I/O port
RET
;Done
;
;Convert the byte to LSB-first format and send it to the AD8303
SEND_IT:
MOV
LOOPCOUNT,#8
;Shift 8 bits
BYTESWAP:
MOV
A,SHIFTREG
;Get source byte
RLC
A
;rotate MSB to carry
MOV
SHIFTREG,A
;Save new source byte
MOV
A,SENDBYTE
;get destination byte
RRC
A
;Move carry into MSB
MOV
SENDBYTE,A
;Save
DJNZ
LOOPCOUNT,BYTESWAP
;Done?
MOV
SBUF,SENDBYTE
;Send the byte
SEND_WAIT:
JNB
SCON.1,SEND_WAIT
;Wait until 8 bits are send
CLR
SCON.1
;Clear the serial flag
RET
;Done
END
Figure 35. Software Listing for the AD8303-80CL51 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com