Electronic Components Datasheet Search
  English  ▼

X  

AD8303 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 1 Page - Analog Devices

  AD8303 Datasheet HTML 1Page - Analog Devices AD8303 Datasheet HTML 2Page - Analog Devices AD8303 Datasheet HTML 3Page - Analog Devices AD8303 Datasheet HTML 4Page - Analog Devices AD8303 Datasheet HTML 5Page - Analog Devices AD8303 Datasheet HTML 6Page - Analog Devices AD8303 Datasheet HTML 7Page - Analog Devices AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
D
A
C
A
R
E
G
I
S
T
E
R
D
PR
En
S
H
I
F
T
R
E
G
I
S
T
E
R
D
A
C
B
R
E
G
I
S
T
E
R
D
PR
R
E
F
E
R
E
N
C
E
B
A
N
D
G
A
P
DAC A
DAC B
VDD
REF
BUF
REF
BUF
AD8303
VOUTA
VREF
VOUTB
CS
CLK
SDI
(DATA)
LDA
LDB
DGND
MSB
RS
AGND
SHDN
OP
AMP
A
OP
AMP
B
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+3 V, Dual, Serial Input
Complete 12-Bit DAC
AD8303
© Analog Devices, Inc., 1996
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Complete Dual 12-Bit DAC
Pretrimmed Internal Voltage Reference
Single +3 V Operation
0.5 mV/Bit with 2.0475 V Full Scale
Low Power: 9.6 mW
3-Wire Serial SPI Compatible Interface
Power Shutdown IDD < 1
A
Compact SO-14, 1.75 mm Height Package
APPLICATIONS
Portable Communications
Digitally Controlled Calibration
Servo Controls
PC Peripherals
GENERAL DESCRIPTION
The AD8303 is a complete (includes internal reference) dual,
12-bit, voltage output digital-to-analog converter designed to
operate from a single +3 volt supply. Built using a CBCMOS
process, this monolithic DAC offers the user low cost and ease-
of-use in single-supply +3 volt systems. Operation is guaranteed
over the supply voltage range of +2.7 V to +5.5 V making this
device ideal for battery operated applications.
The 2.0475 V full-scale voltage output is laser-trimmed to
maintain accuracy over the operating temperature range of the
device. The binary input data format provides an easy-to-use
one-half millivolt-per-bit software programmability. The voltage
outputs are capable of sourcing 3 mA.
DIGITAL INPUT CODE – Decimal
1.0
–1.0
0
4096
1024
2048
3072
0.8
0.2
0
–0.4
–0.8
0.6
0.4
–0.2
–0.6
VDD = +5V
TA = –40°C, +25°C, +85°C
Figure 1. Differential Nonlinearity Error vs. Code
A double buffered serial data interface offers high speed, three-
wire, DSP and SPI microcontroller compatible inputs using
data in (SDI), clock (CLK) and load strobe (LDA + LDB)
pins. A chip-select (CS) pin simplifies connection of multiple
DAC packages by enabling the clock input when active low.
Additionally, an RS input sets the output to zero scale or to 1/2
scale based on the level applied to the MSB pin. A power
shutdown feature reduces power dissipation to less than 3
µW.
The AD8303 is specified over the extended industrial (–40
°C to
+85
°C) temperature range. AD8303s are available in plastic
DIP and low profile 1.75 mm height SO-14 surface mount
packages. For single-channel DAC applications, see the
AD8300 which is offered in the 8-lead DIP and SO-8 packages.
DIGITAL INPUT CODE – Decimal
2
–2
1.5
0
–0.5
–1
–1.5
1
0.5
VDD = +5V
0
1024
2048
3072
4096
+25
°C
+85
°C
–40
°C
Figure 2. Linearity Error vs. Digital Code and Temperature


Similar Part No. - AD8303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8303 AD-AD8303 Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303AN AD-AD8303AN Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303AR AD-AD8303AR Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303ARZ AD-AD8303ARZ Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD8303 AD-AD8303_15 Datasheet
847Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
More results

Similar Description - AD8303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8300 AD-AD8300 Datasheet
245Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV.A
DAC8512 AD-DAC8512 Datasheet
757Kb / 20P
% V, Serial Input Complete 12-Bit DAC
REV.A
DAC8512FSZ AD-DAC8512FSZ Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
DAC8512FS-REEL AD-DAC8512FS-REEL Datasheet
517Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8303ARZ AD-AD8303ARZ Datasheet
335Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
Serial Input 12 Bit DAC
REV. B
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8303 AD-AD8303_15 Datasheet
847Kb / 16P
3 V, Dual, Serial Input Complete 12-Bit DAC
REV. 0
DAC8512 AD-DAC8512_15 Datasheet
760Kb / 20P
5 V, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com