Electronic Components Datasheet Search
  English  ▼

X  

AD8303 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8303
Description  3 V, Dual, Serial Input Complete 12-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8303 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8303 Datasheet HTML 3Page - Analog Devices AD8303 Datasheet HTML 4Page - Analog Devices AD8303 Datasheet HTML 5Page - Analog Devices AD8303 Datasheet HTML 6Page - Analog Devices AD8303 Datasheet HTML 7Page - Analog Devices AD8303 Datasheet HTML 8Page - Analog Devices AD8303 Datasheet HTML 9Page - Analog Devices AD8303 Datasheet HTML 10Page - Analog Devices AD8303 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8303
REV. 0
–7–
2.0
1.5
–1.0
1.0
0.5
0.0
–0.5
–55 –35
125
5
25
45
65
85 105
–15
TEMPERATURE –
°C
VDD = +2.7V
VDD = +4.5V
NO LOAD
SS = 200 UNITS
NORMALIZED TO +25
°C
Figure 13. Zero-Scale Voltage Drift
vs. Temperature
30
25
0
0
100
600
200
300
500
10
15
20
5
400
HOURS OF OPERATION AT +150
°C
VDD = +5V
SS = 212 UNITS
–2
σ
χ
χ
+2
σ
χ
Figure 16. Shutdown Current vs.
Time Accelerated by Burn-In
1000
100
10
–55
125
–35 –15
5
TEMPERATURE –
°C
VDD = +5.5V
25
45
65
95
105
Figure 19. Shutdown Current vs.
Temperature
10
1
0.1
1
100k
10
100
1k
10k
FREQUENCY – Hz
VDD = +5V
DATA = FFFH
Figure 14. Output Voltage Noise
Density vs. Frequency
6
1
–60
–20
140
20
60
100 120
80
40
–40
0
4
5
3
TEMPERATURE –
°C
VDD = +5.5V,
VLOGIC = 2.4V, DATA = FFFH
2
VDD = +3.6V,
VLOGIC = 2.1V, DATA = FFFH
VDD = +3.0V OR +5.0V,
VLOGIC = 0V, DATA = 000H
Figure 17. Supply Current vs.
Temperature
10
0%
100
90
VOUT
500mV
1µs
5V
SHDN
Figure 20. Shutdown Recovery Time
2
1.5
–1
0
100
600
200
300
500
0
0.5
1
–0.5
400
HOURS OF OPERATION AT +150
°C
FULL SCALE
(DATA = FFFH)
ZERO SCALE
(DATA = 000H)
VDD = +2.7V
SS = 212 UNITS
Figure 15. Long-Term Drift
Accelerated by Burn-In
70
60
0
–40
24
–24 –16
50
–32
40
30
20
10
–8
8
16
0
TEMPERATURE COEFFICIENT – ppm/
°C
VDD = +2.7V
SS = 200 UNITS
TA = –40 TO +85°C
Figure 18. Full-Scale Output
Tempco Histogram
10
0%
100
90
500mV
1µs
5V
VOUT
SHDN
Figure 21. Shutdown Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com