Electronic Components Datasheet Search
  English  ▼

X  

AD8306 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8306
Description  5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8306 Datasheet(HTML) 5 Page - Analog Devices

  AD8306 Datasheet HTML 1Page - Analog Devices AD8306 Datasheet HTML 2Page - Analog Devices AD8306 Datasheet HTML 3Page - Analog Devices AD8306 Datasheet HTML 4Page - Analog Devices AD8306 Datasheet HTML 5Page - Analog Devices AD8306 Datasheet HTML 6Page - Analog Devices AD8306 Datasheet HTML 7Page - Analog Devices AD8306 Datasheet HTML 8Page - Analog Devices AD8306 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
AD8306
–5–
INPUT LEVEL – dBV
2.5
–120
2
1.5
1
0.5
0
–100
–80
–60
–40
–20
0
20
(–87dBm)
(+13dBm)
TA = +25 C
TA = +85 C
TA = –40 C
Figure 7. RSSI Output vs. Input Level, 100 MHz Sine In-
put, at TA = –40°C, +25°C and +85°C, Single-Ended Input
INPUT LEVEL – dBV
2.5
–120
2
1.5
1
0.5
0
–100
–80
–60
–40
–20
0
20
(–87dBm)
(+13dBm)
100MHz
50MHz
10MHz
Figure 8. RSSI Output vs. Input Level, at TA = +25°C, for
Frequencies of 10 MHz, 50 MHz and 100 MHz
INPUT LEVEL – dBV
2.5
–120
2
1.5
1
0.5
0
–100
–80
–60
–40
–20
0
20
(–87dBm)
(+13dBm)
200MHz
400MHz
300MHz
Figure 9. RSSI Output vs. Input Level, at TA = +25°C, for
Frequencies of 200 MHz, 300 MHz and 400 MHz
5
–120
4
3
2
1
0
–1
–2
–100
–80
–60
–40
–20
0
20
–3
–4
–5
(–87dBm)
(+13dBm)
INPUT LEVEL – dBV
(–87dBm)
TA = +25 C
TA = +85 C
TA = –40 C
Figure 10. Log Linearity of RSSI Output vs. Input Level,
100 MHz Sine Input, at TA = –40°C, +25°C, and +85°C
5
–120
4
3
2
1
0
–1
–2
–100
–80
–60
–40
–20
20
–3
–4
–5
–100
(+13dBm)
INPUT LEVEL – dBV
(–87dBm)
0
DYNAMIC RANGE
1dB
3dB
10MHz
86
93
50MHz
90
97
100MHz
96
100
100MHz
50MHz
10MHz
Figure 11. Log Linearity of RSSI Output vs. Input Level, at
TA = +25°C, for Frequencies of 10 MHz, 50 MHz and 100 MHz
5
–120
4
3
2
1
0
–1
–2
–100
–80
–60
–40
–20
20
–3
–4
–5
–100
(+13dBm)
INPUT LEVEL – dBV
(–87dBm)
0
DYNAMIC RANGE
1dB
3dB
200MHz
96
100
300MHz
90
100
400MHz
85
100
400MHz
300MHz
200MHz
Figure 12. Log Linearity of RSSI Output vs. Input Level,
at TA = +25°C, for Frequencies of 200 MHz, 300 MHz and
400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com