Electronic Components Datasheet Search
  English  ▼

X  

AD8306 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8306
Description  5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8306 Datasheet(HTML) 1 Page - Analog Devices

  AD8306 Datasheet HTML 1Page - Analog Devices AD8306 Datasheet HTML 2Page - Analog Devices AD8306 Datasheet HTML 3Page - Analog Devices AD8306 Datasheet HTML 4Page - Analog Devices AD8306 Datasheet HTML 5Page - Analog Devices AD8306 Datasheet HTML 6Page - Analog Devices AD8306 Datasheet HTML 7Page - Analog Devices AD8306 Datasheet HTML 8Page - Analog Devices AD8306 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8306
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
5 MHz–400 MHz 100 dB High Precision
Limiting-Logarithmic Amplifier
FUNCTIONAL BLOCK DIAGRAM
FEATURES
Complete, Fully Calibrated Log-Limiting IF Amplifier
100 dB Dynamic Range: –91 dBV to +9 dBV
Stable RSSI Scaling Over Temperature and Supplies:
20 mV/dB Slope, –95 dBm Intercept
0.4 dB RSSI Linearity up to 200 MHz
Programmable Limiter Gain and Output Current
Differential Outputs to 10 mA, 2.4 V p-p
Overall Gain 90 dB, Bandwidth 400 MHz
Constant Phase (Typical
56 ps Delay Skew)
Single Supply of +2.7 V to +6.5 V at 16 mA Typical
Fully Differential Inputs, RIN = 1 k , CIN = 2.5 pF
500 ns Power-Up Time, <1
A Sleep Current
APPLICATIONS
Receivers for Frequency and Phase Modulation
Very Wide Range IF and RF Power Measurement
Receiver Signal Strength Indication (RSSI)
Low Cost Radar and Sonar Signal Processing
Instrumentation: Network and Spectrum Analyzers
PRODUCT DESCRIPTION
The AD8306 is a complete IF limiting amplifier, providing both
an accurate logarithmic (decibel) measure of the input signal
(the RSSI function) over a dynamic range of 100 dB, and a
programmable limiter output, useful from 5 MHz to 400 MHz.
It is easy to use, requiring few external components. A single
supply voltage of +2.7 V to +6.5 V at 16 mA is needed, corre-
sponding to a power consumption of under 50 mW at 3 V, plus
the limiter bias current, determined by the application and typi-
cally 2 mA, providing a limiter gain of 90 dB when using 200
Ω
loads. A CMOS-compatible control interface can enable the
AD8306 within about 500 ns and disable it to a standby current
of under 1
µA.
The six cascaded amplifier/limiter cells in the main path have a
small signal gain of 12.04 dB (
×4), with a –3 dB bandwidth of
850 MHz, providing a total gain of 72 dB. The programmable
output stage provides a further 18 dB of gain. The input is fully
differential and presents a moderately high impedance (1 k
Ω in
parallel with 2.5 pF). The input-referred noise-spectral-density,
when driven from a terminated 50
Ω, source is 1.28 nV/√Hz,
equivalent to a noise figure of 3 dB. The sensitivity of the
AD8306 can be raised by using an input matching network.
Each of the main gain cells includes a full-wave detector. An
additional four detectors, driven by a broadband attenuator, are
used to extend the top end of the dynamic range by over 48 dB.
The overall dynamic range for this combination extends from
–91 dBV (–78 dBm at the 50
Ω level) to a maximum permissible
value of +9 dBV, using a balanced drive of antiphase inputs each of
2 V in amplitude, which would correspond to a sine wave power
of +22 dBm if the differential input were terminated in 50
Ω.
Through laser trimming, the slope of the RSSI output is closely
controlled to 20 mV/dB, while the intercept is set to –108 dBV
(–95 dBm re 50
Ω). These scaling parameters are determined
by a band-gap voltage reference and are substantially indepen-
dent of temperature and supply. The logarithmic law conform-
ance is typically within
±0.4 dB over the central 80 dB of this
range at any frequency between 10 MHz and 200 MHz, and is
degraded only slightly at 400 MHz.
The RSSI response time is nominally 73 ns (10%–90%). The
averaging time may be increased without limit by the addition of
an external capacitor. The full output of 2.34 V at the maximum
input of +9 dBV can drive any resistive load down to 50
Ω and
this interface remains stable with any value of capacitance on
the output.
The AD8306 is fabricated on an advanced complementary
bipolar process using silicon-on-insulator isolation techniques
and is available in the industrial temperature range of –40
°C to
+85
°C, in a 16-lead narrow body SO package. The AD8306 is
also available for the full military temperature range of –55
°C to
+125
°C, in a 16-lead side-brazed ceramic DIP.
12dB
LIM
DET
12dB
DET
DET
4
DET
LADR ATTEN
INHI
INLO
I–V
BIAS
CTRL
TEN DETECTORS SPACED 12dB
INTERCEPT
TEMP COMP
BAND-GAP
REFERENCE
ENBL
GAIN
BIAS
LMHI
LMLO
LMDR
VLOG
FLTR
SIX STAGES TOTAL GAIN 72dB
TYP GAIN 18dB
SLOPE
BIAS
12dB


Similar Part No. - AD8306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8306-EVAL AD-AD8306-EVAL Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306ACHIPS AD-AD8306ACHIPS Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306AR AD-AD8306AR Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
More results

Similar Description - AD8306

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8307 AD-AD8307 Datasheet
394Kb / 20P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV.A
AD8309 AD-AD8309 Datasheet
311Kb / 20P
5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV.B
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
10/06-Rev. B to Rev. C
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com