Electronic Components Datasheet Search
  English  ▼

X  

AD8306 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8306
Description  5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8306 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8306 Datasheet HTML 8Page - Analog Devices AD8306 Datasheet HTML 9Page - Analog Devices AD8306 Datasheet HTML 10Page - Analog Devices AD8306 Datasheet HTML 11Page - Analog Devices AD8306 Datasheet HTML 12Page - Analog Devices AD8306 Datasheet HTML 13Page - Analog Devices AD8306 Datasheet HTML 14Page - Analog Devices AD8306 Datasheet HTML 15Page - Analog Devices AD8306 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
REV. A
AD8306
–14–
Table III. Evaluation Board Setup Options
Component
Function
Default Condition
SW1
Device Enable
. When in Position A, the ENBL pin is connected to +VS and the
SW1 = A
AD8306 is in normal operating mode. In Position B, the ENBL pin is connected
to an SMA connector labeled Ext Enable. A signal can be applied to this connector
to enable/disable the AD8306.
R1
This pad is used to ac-couple INLO to ground for single-ended input drive. To drive
R1 = 0
Ω
the AD8306 differentially, R1 should be removed.
R/L, C1, C2
Input Interface.
The 52.3
Ω resistor in position R10, along with C1 and C2, create
R10 = 52.3
Ω
a high-pass input filter whose corner frequency (640 kHz) is equal to 1/(2
πRC),
C1 = C2 = 0.01
µF
where C = (C1)/2 and R is the parallel combination of 52.3
Ω and the AD8306’s
input impedance of 1000
Ω. Alternatively, the 52.3 Ω resistor can be replaced by
an inductor to form an input matching network. See Input Matching Network
section for more details.
R3/R4
Slope Adjust.
A simple slope adjustment can be implemented by adding a resistive
R3 = 0
Ω
divider at the VLOG output. R3 and R4, whose sum should be about 1 k
Ω, and
R4 =
never less than 40
Ω (see specs), set the slope according to the equation:
Slope = 20 mV/dB
× R4/(R3 + R4).
L1, C5, C6
Limiter Output Coupling.
C5 and C6 ac-couple the limiter’s differential outputs.
L1 = Open
By adjusting these values and installing an inductor in L1, an output matching
C5 = 0.01
µF
network can be implemented. To convert the limiter’s differential output to single-
C6 = 0.01
µF
ended, R11 and R12 (nominally 0
Ω) can be replaced with a surface mount balun
R9 = Open
such as the ETC1-1-13 (Macom). The balun can be grounded by soldering a 0
Ω
R10 = R11 = 0
Ω
into Position R9 (nominally open).
R8, LK1
Limiter Output Current.
With LK1 installed, R8 enables and sets the limiter
LK1 Installed. R8 = 402
Ω
output current. The limiter’s output current is set according to the equation
R6, R7 (Limited Load
(IOUT = 400 mV/R8). The limiter current can be as high as 10 mA (R8 = 40 Ω).
Resistors) = 50
Ω
To disable the limiter (recommended if the limiter is not being used), LK1 should
be removed.
C7
RSSI Bandwidth Adjust
. The addition of C7 (farads) will lower the RSSI bandwidth of
C7 = Open
the VLOG output according to the equation: fCORNER (Hz) = 12.7 × 10
–6/(C7 + 3.5
× 10–12).
1
2
3
4
5
6
7
8
VLOG
VPS2
PADL
LMHI
LMLO
PADL
FLTR
LMDR
COM2
VPS1
PADL
INHI
INLO
PADL
COM1
ENBL
AD8306
9
10
11
14
15
16
12
13
C3
0.1 F
R10
52.3
C1
0.01 F
C2
0.01 F
R2
10
R1
0
+VS
EXT
ENABLE
C7 (OPEN)
R6
50
C4
0.1 F
R7
50
R3
0
R5
10
R4
(OPEN)
VRSSI
+VS
L1
(OPEN)
C5
0.01 F
C6
0.01 F
LK1
R8
402
SIG
INHI
SIG
INLO
A
BSW1
R12
0
R11
0
R9
(OPEN)
Figure 33. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com